Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 79 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 79 Page - SPANSION

Back Button MB9B210T Datasheet HTML 75Page - SPANSION MB9B210T Datasheet HTML 76Page - SPANSION MB9B210T Datasheet HTML 77Page - SPANSION MB9B210T Datasheet HTML 78Page - SPANSION MB9B210T Datasheet HTML 79Page - SPANSION MB9B210T Datasheet HTML 80Page - SPANSION MB9B210T Datasheet HTML 81Page - SPANSION MB9B210T Datasheet HTML 82Page - SPANSION MB9B210T Datasheet HTML 83Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 137 page
background image
D a t a S h e e t
76
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
2.
Recommended Operating Conditions
(Vss = AVss = 0.0V)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
Vcc
-
2.7*
8
5.5
V
Power supply voltage
(3 V power supply) for
USB ch.0
USBVcc0
-
3.0
3.6
(≤ Vcc)
V
*1
2.7
5.5
(≤ Vcc)
*2
Power supply voltage
(3 V power supply) for
USB ch.1
USBVcc1
-
3.0
3.6
(≤ Vcc)
V
*3
2.7
5.5
(≤ Vcc)
*4
Power supply voltage for
Ethernet
ETHVcc
-
3.0
3.6
(≤ Vcc)
V
*5
4.5
5.5
(≤ Vcc)
*5
2.7
5.5
(≤ Vcc)
*6
Analog power supply voltage
AVcc
-
2.7
5.5
V
AVcc = Vcc
Analog reference voltage
AVRH
-
2.7
AVcc
V
Smoothing capacitor
CS
-
1
10
μF
for built-in
regulator *
7
Operating
temperature
FPT-144P-M08,
FPT-176P-M07,
BGA-192P-M06
Ta
When
mounted on
four-layer
PCB
- 40
+ 85
°C
*1: When P81/UDP0 and P80/UDM0 pin are used as USB (UDP0, UDM0).
*2: When P81/UDP0 and P80/UDM0 pin are used as GPIO (P81, P80).
*3: When P83/UDP1 and P82/UDM1 pin are used as USB (UDP1, UDM1).
*4: When P83/UDP1 and P82/UDM1 pin are used as GPIO (P83, P82).
*5: When the pins in "
Ethernet-MAC pins" except P62/E_PPS0_PPS1/SCK5_0/ADTG_3 pin are used as
Ethernet-MAC pin.
*6: When the pins in "
Ethernet-MAC pins" except P62/E_PPS0_PPS1/SCK5_0/ADTG_3 pin are used as
function pins other than Ethernet-MAC pin.
*7: See "●C pin" in "Handling Devices" for the connection of the smoothing capacitor.
*8: In between less than the minimum power supply voltage and low voltage reset/interrupt detection voltage
or more, instruction execution and low voltage detection function by built-in High-speed CR(including
Main PLL is used) or built-in Low-speed CR is possible to operate only.
<WARNING>
The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure. No warranty is made
with respect to uses, operating conditions, or combinations not represented on the data sheet. Users
considering application outside the listed conditions are advised to contact their representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com