Electronic Components Datasheet Search
  English  ▼

X  

MB9B210T Datasheet(PDF) 52 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 52 Page - SPANSION

Back Button MB9B210T Datasheet HTML 48Page - SPANSION MB9B210T Datasheet HTML 49Page - SPANSION MB9B210T Datasheet HTML 50Page - SPANSION MB9B210T Datasheet HTML 51Page - SPANSION MB9B210T Datasheet HTML 52Page - SPANSION MB9B210T Datasheet HTML 53Page - SPANSION MB9B210T Datasheet HTML 54Page - SPANSION MB9B210T Datasheet HTML 55Page - SPANSION MB9B210T Datasheet HTML 56Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 137 page
background image
D a t a S h e e t
February 10, 2015, MB9B210T-DS706-00015-3v0-E
49
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
176
LQFP-
144
BGA-
192
Ethernet
E_COL
Collision detection
154
124
F8
E_COUT
Clock output for EtherPHY
158
128
A7
E_CRS
Carrier detection
155
125
B7
E_MDC
Management clock
152
122
E8
E_MDIO
Management data input/output
151
121
D8
E_PPS
PTP counter monitor
167
137
E6
E_RX00
Received data0
149
119
F9
E_RX01
Received data1
148
118
E9
E_RX02
Received data2
147
117
D9
E_RX03
Received data3
146
116
B8
E_RXCK_REFCK
Received clock input/
reference clock
153
123
A10
E_RXDV
Received data enable
150
120
C8
E_RXER
Received data error detection
145
115
C9
E_TCK
Transition clock input
160
130
A6
E_TX00
Transition data0
165
135
C6
E_TX01
Transition data1
164
134
B6
E_TX02
Transition data2
163
133
F7
E_TX03
Transition data3
162
132
E7
E_TXEN
Transition data enable
166
136
D6
E_TXER
Transition data error detection
161
131
D7
RESET
INITX
External Reset Input Pin.
A reset is valid when INITX="L".
57
49
N5
Mode
MD0
Mode 0 pin.
During normal operation, MD0="L"
must be input. During serial
programming to flash memory,
MD0="H" must be input.
85
69
N12
MD1
Mode 1 pin.
During serial programming to flash
memory, MD1="L" must be input.
84
68
N13
POWER
VCC
Power supply Pin
1
1
C1
VCC
Power supply pin
45
37
N1
VCC
Power supply Pin
54
46
P4
VCC
Power supply Pin
89
73
M14
VCC
Power supply Pin
133
109
A13
USBVCC0
3.3V Power supply port for USB
I/O
173
141
A4
USBVCC1
129
105
E14
ETHVCC
3.3V Power supply port for Ethernet
I/O
156
126
A9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com