Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LPC47N227 Datasheet HTML 9Page - SMSC Corporation LPC47N227 Datasheet HTML 10Page - SMSC Corporation LPC47N227 Datasheet HTML 11Page - SMSC Corporation LPC47N227 Datasheet HTML 12Page - SMSC Corporation LPC47N227 Datasheet HTML 13Page - SMSC Corporation LPC47N227 Datasheet HTML 14Page - SMSC Corporation LPC47N227 Datasheet HTML 15Page - SMSC Corporation LPC47N227 Datasheet HTML 16Page - SMSC Corporation LPC47N227 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 202 page
background image
13
BLOCK DIAGRAM
TXD1, nRTS1, nDTR1
nWDATA nRDATA
SER_IRQ
PCI_CLK
Vcc Vss
nIO_PME
Denotes Multifunction Pins
IRTX2, IRMODE*,
TXD2, nRTS2, nDTR2
IRRX2, IRRX3*,
RXD2, nCTS2,
nDSR2, nDCD2, nRI2
SERIAL
IRQ
LPC BUS
INTERFACE
V
TR
CLOCK
GEN
CLOCKI
nMTR0, nDS0, nDIR,
nSTEP, DRVDEN0*,
nWGATE, HDSEL,
DRVDEN1*, nWDATA
SMSC
PROPRIETARY
82077
COMPATIBLE
VERTICAL
FLOPPY DISK
CONTROLLER
CORE
SMI PME WDT
DIGITAL
DATA
SEPERATOR
PRE-
COMPENSATION
nTRK0,
nDSKCHG,
nINDEX,
nWRTPRT,
nRDATA
*
16C550
COMPATIBLE
SERIAL
PORT 1
WDATA
WCLOCK
RCLOCK
RDATA
nCTS1, RXD1,
nDSR1, nDCD1, nRI1
CONFIGURATION
REGISTERS
GENERAL
PURPOSE
I/O
GP10, GP11,
GP12*, GP13*,
GP14*,
GP1[5:7],
GP2[0:2],
GP23*, GP24,
GP3[0:7],
GP4[0:7]
MULTI-MODE
PARALLEL
PORT/FDC
MUX
PD[0:7],
BUSY, SLCT,
PE, nERROR, nACK
nSLCTIN, nALF
nINIT, nSTROBE
CONTROL, ADDRESS, DATA
LAD0
LAD1
LAD2
LAD3
nLFRAME
nLDRQ
nLPCPD
nPCI_RESET
ACPI
BLOCK
nIO_SMI*
16C550
COMPATIBLE
SERIAL
PORT 2 WITH
INFRARED
INTERFACE
nCLKRUN
IRQIN1*, IRQIN2*,
FDC_PP*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com