Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 38 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button LPC47N227 Datasheet HTML 34Page - SMSC Corporation LPC47N227 Datasheet HTML 35Page - SMSC Corporation LPC47N227 Datasheet HTML 36Page - SMSC Corporation LPC47N227 Datasheet HTML 37Page - SMSC Corporation LPC47N227 Datasheet HTML 38Page - SMSC Corporation LPC47N227 Datasheet HTML 39Page - SMSC Corporation LPC47N227 Datasheet HTML 40Page - SMSC Corporation LPC47N227 Datasheet HTML 41Page - SMSC Corporation LPC47N227 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 202 page
background image
38
The FIFO is disabled during the command phase to provide for the proper handling of the "Invalid
Command" condition.
Execution Phase
All data transfers to or from the FDC occur during the execution phase, which can proceed in DMA or non-
DMA mode as indicated in the Specify command.
After a reset, the FIFO is disabled. Each data byte is transferred by a read/write or DMA cycle depending
on the DMA mode. The Configure command can enable the FIFO and set the FIFO threshold value.
The following paragraphs detail the operation of the FIFO flow control. In these descriptions, <threshold> is
defined as the number of bytes available to the FDC when service is requested from the host and ranges
from 1 to 16. The parameter FIFOTHR, which the user programs, is one less and ranges from 0 to 15.
A low threshold value (i.e. 2) results in longer periods of time between service requests, but requires faster
servicing of the request for both read and write cases. The host reads (writes) from (to) the FIFO until
empty (full), then the transfer request goes inactive. The host must be very responsive to the service
request. This is the desired case for use with a "fast" system.
A high value of threshold (i.e. 12) is used with a "sluggish" system by affording a long latency period after a
service request, but results in more frequent service requests.
Non-DMA Mode - Transfers from the FIFO to the Host
The interrupt and RQM bit in the Main Status Register are activated when the FIFO contains (16-
<threshold>) bytes or the last bytes of a full sector have been placed in the FIFO. The interrupt can be
used for interrupt-driven systems, and RQM can be used for polled systems. The host must respond to the
request by reading data from the FIFO. This process is repeated until the last byte is transferred out of the
FIFO. The FDC will deactivate the interrupt and RQM bit when the FIFO becomes empty.
Non-DMA Mode - Transfers from the Host to the FIFO
The interrupt and RQM bit in the Main Status Register are activated upon entering the execution phase of
data transfer commands. The host must respond to the request by writing data into the FIFO. The interrupt
and RQM bit remain true until the FIFO becomes full. They are set true again when the FIFO has
<threshold> bytes remaining in the FIFO. The FDC enters the result phase after the last byte is taken by
the FDC from the FIFO (i.e. FIFO empty condition).
DMA Mode - Transfers from the FIFO to the Host
The FDC generates a DMA request cycle when the FIFO contains (16 - <threshold>) bytes, or the last byte
of a full sector transfer has been placed in the FIFO. The DMA controller responds to the request by
reading data from the FIFO. The FDC will deactivate the DMA request when the FIFO becomes empty by
generating the proper sync for the data transfer.
DMA Mode - Transfers from the Host to the FIFO.
The FDC generates a DMA request cycle when entering the execution phase of the data transfer
commands. The DMA controller responds by placing data in the FIFO. The DMA request remains active
until the FIFO becomes full. The DMA request cycle is reasserted when the FIFO has <threshold> bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com