Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LPC47N227 Datasheet HTML 35Page - SMSC Corporation LPC47N227 Datasheet HTML 36Page - SMSC Corporation LPC47N227 Datasheet HTML 37Page - SMSC Corporation LPC47N227 Datasheet HTML 38Page - SMSC Corporation LPC47N227 Datasheet HTML 39Page - SMSC Corporation LPC47N227 Datasheet HTML 40Page - SMSC Corporation LPC47N227 Datasheet HTML 41Page - SMSC Corporation LPC47N227 Datasheet HTML 42Page - SMSC Corporation LPC47N227 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 202 page
background image
39
remaining in the FIFO. The FDC will terminate the DMA cycle after a TC, indicating that no more data is
required.
Data Transfer Termination
The FDC supports terminal count explicitly through the TC cycle and implicitly through the
underrun/overrun and end-of-track (EOT) functions. For full sector transfers, the EOT parameter can
define the last sector to be transferred in a single or multi-sector transfer.
If the last sector to be transferred is a partial sector, the host can stop transferring the data in mid-sector,
and the FDC will continue to complete the sector as if a TC cycle was received. The only difference
between these implicit functions and TC cycle is that they return "abnormal termination" result status. Such
status indications can be ignored if they were expected.
Note that when the host is sending data to the FIFO of the FDC, the internal sector count will be complete
when the FDC reads the last byte from its side of the FIFO. There may be a delay in the removal of the
transfer request signal of up to the time taken for the FDC to read the last 16 bytes from the FIFO. The
host must tolerate this delay.
Result Phase
The generation of the interrupt determines the beginning of the result phase. For each of the commands, a
defined set of result bytes has to be read from the FDC before the result phase is complete. These bytes
of data must be read out for another command to start.
RQM and DIO must both equal "1" before the result bytes may be read. After all the result bytes have been
read, the RQM and DIO bits switch to "1" and "0" respectively, and the CB bit is cleared, indicating that the
FDC is ready to accept the next command.
Command Set/Descriptions
Commands can be written whenever the FDC is in the command phase. Each command has a unique
set of needed parameters and status results. The FDC checks to see that the first byte is a valid
command and, if valid, proceeds with
the command. If it is invalid, an interrupt is issued. The user
sends a Sense Interrupt Status command which returns an invalid command error. Refer to Table 16
for explanations of the various symbols used. Table 17 lists the required parameters and the results
associated with each command that the FDC is capable of performing.
Table 16 – Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
C
Cylinder Address
The currently selected address; 0 to 255.
D
Data Pattern
The pattern to be written in each sector data field during formatting.
D0, D1
Drive Select 0-1
Designates which drives are perpendicular drives on the
Perpendicular Mode Command.
A "1" indicates a perpendicular
drive.
DIR
Direction Control
If this bit is 0, then the head will step out from the spindle during a
relative seek. If set to a 1, the head will step in toward the spindle.
DS0, DS1
Disk Drive Select
DS1
DS0
DRIVE
0
0
Drive 0
0
1
Drive 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com