Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 88 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 88 Page - SMSC Corporation

Back Button LPC47N227 Datasheet HTML 84Page - SMSC Corporation LPC47N227 Datasheet HTML 85Page - SMSC Corporation LPC47N227 Datasheet HTML 86Page - SMSC Corporation LPC47N227 Datasheet HTML 87Page - SMSC Corporation LPC47N227 Datasheet HTML 88Page - SMSC Corporation LPC47N227 Datasheet HTML 89Page - SMSC Corporation LPC47N227 Datasheet HTML 90Page - SMSC Corporation LPC47N227 Datasheet HTML 91Page - SMSC Corporation LPC47N227 Datasheet HTML 92Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 202 page
background image
88
TXD2 Pin (CR0A bits [7:6]=00):
1.
This pin will remain low following a VCC POR until serial port 2 is enabled by setting the UART2
power down bit (CR02, bit 7), at which time the pin will reflect the state of the transmit output of
serial port 2 (if COM is enabled through CR0C Register for Serial Port 2).
2.
This pin will remain low following a VCC POR until serial port 2 is enabled by setting the UART2
power down bit (CR02, bit 7), at which time the pin will reflect the state of the IR transmit output of
the IRCC block (if IR is enabled through the CR0C Register for Serial Port 2).
The IRTX2 and TXD2 pins will be driven low whenever serial port 2 is disabled (UART2 power down bit
is cleared).
Note that bits[7,6] of CR0A can be used to override this functionality of driving the IRTX2 and TXD2 pins
low when UART2 is powered down. If these bits are set to ‘11’, then the IRTX (TXD2) and IRTX2 pins
are high-z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com