Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47N227 Datasheet HTML 17Page - SMSC Corporation LPC47N227 Datasheet HTML 18Page - SMSC Corporation LPC47N227 Datasheet HTML 19Page - SMSC Corporation LPC47N227 Datasheet HTML 20Page - SMSC Corporation LPC47N227 Datasheet HTML 21Page - SMSC Corporation LPC47N227 Datasheet HTML 22Page - SMSC Corporation LPC47N227 Datasheet HTML 23Page - SMSC Corporation LPC47N227 Datasheet HTML 24Page - SMSC Corporation LPC47N227 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 202 page
background image
21
FLOPPY DISK CONTROLLER
The Floppy Disk Controller (FDC) provides the
interface between a host microprocessor and the
floppy disk drives.
The FDC integrates the
functions of the Formatter/Controller, Digital Data
Separator, Write Precompensation and Data Rate
Selection logic for an IBM XT/AT compatible FDC.
The true CMOS 765B core guarantees 100% IBM
PC XT/AT compatibility in addition to providing
data overflow and underflow protection.
The FDC is compatible to the 82077AA using
SMSC's proprietary floppy disk controller core.
The LPC47N227 supports one floppy disk drive
directly through the FDC interface pins and two
floppy disk drives via the FDC interface on the
parallel port pins. It can also be configured to
support one drive on the FDC interface pins and
one drive on the parallel port pins.
FDC Internal Registers
The Floppy Disk Controller contains eight internal
registers that facilitate the interfacing between the
host microprocessor and the disk drive. Table 2
shows the addresses required to access these
registers. Registers other than the ones shown are
not supported.
The rest of the description
assumes that the primary addresses have been
selected.
Table 2 – Status, Data and Control Registers
(Shown with base addresses of 3F0 and 370)
PRIMARY
ADDRESS
SECONDARY
ADDRESS
R/W
REGISTER
3F0
3F1
3F2
3F3
3F4
3F4
3F5
3F6
3F7
3F7
370
371
372
373
374
374
375
376
377
377
R
R
R/W
R/W
R
W
R/W
R
W
Status Register A (SRA)
Status Register B (SRB)
Digital Output Register (DOR)
Tape Drive Register (TDR)
Main Status Register (MSR)
Data Rate Select Register (DSR)
Data (FIFO)
Reserved
Digital Input Register (DIR)
Configuration Control Register (CCR)
Status Register A (SRA)
Address 3F0 READ ONLY
This register is read-only and monitors the state
of the internal interrupt signal and several disk
interface pins in PS/2 and Model 30 modes. The
SRA can be accessed at any time when in PS/2
mode. In the PC/AT mode the data bus pins D0
- D7 are held in a high impedance state for a
read of address 3F0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com