Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 32 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LPC47N227 Datasheet HTML 28Page - SMSC Corporation LPC47N227 Datasheet HTML 29Page - SMSC Corporation LPC47N227 Datasheet HTML 30Page - SMSC Corporation LPC47N227 Datasheet HTML 31Page - SMSC Corporation LPC47N227 Datasheet HTML 32Page - SMSC Corporation LPC47N227 Datasheet HTML 33Page - SMSC Corporation LPC47N227 Datasheet HTML 34Page - SMSC Corporation LPC47N227 Datasheet HTML 35Page - SMSC Corporation LPC47N227 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 202 page
background image
32
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
500 Kbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 16
µs - 1.5 µs = 14.5 µs
2 x 16
µs - 1.5 µs = 30.5 µs
8 x 16
µs - 1.5 µs = 126.5 µs
15 x 16
µs - 1.5 µs = 238.5 µs
Digital Input Register (DIR)
Address 3F7 READ ONLY
This register is read-only in all modes.
PC-AT Mode
7
6
5
4
3
2
1
0
DSK
CHG
0
0
0
0
0
0
0
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
BIT 0 - 6 UNDEFINED
The data bus outputs D0 - 6 are read as ‘0’.
BIT 7 DSKCHG
This bit monitors the pin of the same name and reflects the opposite value seen on the disk cable or the
value programmed in the Force FDD Status Change Register (CR17). See the Configuration section for
register description.
PS/2 Mode
7
6
5
4
3
2
1
0
DSK
CHG
1
1
1
1
DRATE
SEL1
DRATE
SEL0
nHIGH
nDENS
RESET
COND.
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1
BIT 0 nHIGH DENS
This bit is low whenever the 500 Kbps or 1 Mbps data rates are selected, and high when 250 Kbps and 300
Kbps are selected.
BITS 1 - 2 DATA RATE SELECT
These bits control the data rate of the floppy controller. See Table 8 for the settings corresponding to the
individual data rates. The data rate select bits are unaffected by a software reset, and are set to 250
Kbps after a hardware reset.
BITS 3 - 6 UNDEFINED
Always read as a logic "1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com