Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 2 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 2 Page - SMSC Corporation

  LPC47N227 Datasheet HTML 1Page - SMSC Corporation LPC47N227 Datasheet HTML 2Page - SMSC Corporation LPC47N227 Datasheet HTML 3Page - SMSC Corporation LPC47N227 Datasheet HTML 4Page - SMSC Corporation LPC47N227 Datasheet HTML 5Page - SMSC Corporation LPC47N227 Datasheet HTML 6Page - SMSC Corporation LPC47N227 Datasheet HTML 7Page - SMSC Corporation LPC47N227 Datasheet HTML 8Page - SMSC Corporation LPC47N227 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 202 page
background image
2
LPC Bus Host Interface
-
Multiplexed Command, Address and
Data Bus
-
8-Bit I/O Transfers
-
8-Bit DMA Transfers
-
16-Bit Address Qualification
-
Serial IRQ Interface Compatible with
Serialized IRQ Support for PCI
Systems
-
PCI nCLKRUN Support
-
Power Management Event (nIO_PME)
Interface Pin
100 Pin TQFP Package and STQFP
Package
GENERAL DESCRIPTION
The SMSC LPC47N227 is a 3.3V PC 99 and
ACPI 1.0b compliant Super I/O Controller. The
LPC47N227 implements the LPC interface, a pin
reduced ISA interface which provides the same
or better performance as the ISA/X-bus with a
substantial savings in pins used. The part also
includes 29 GPIO pins.
The LPC47N227 incorporates SMSC’s true
CMOS 765B floppy disk controller, advanced
digital data separator, 16-byte data FIFO, two
16C550 compatible UARTs, one Multi-Mode
parallel port with ChiProtect circuitry plus EPP
and ECP support and one floppy direct drive
support. The LPC47N227 does not require any
external filter components, is easy to use and
offers lower system cost and reduced board
area. The LPC47N227 is software and register
compatible with SMSC’s proprietary 82077AA
core.
The true CMOS 765B core provides 100%
compatibility with IBM PC/XT and PC/AT
architectures and provides data overflow and
underflow protection.
The SMSC advanced
digital data separator incorporates SMSC’s
patented data separator technology allowing for
ease of testing and use. The LPC47N227
supports both 1Mbps and 2Mbps data rates and
vertical recording operation at 1Mbps Data Rate.
The LPC47N227 also features a full 16-bit
internally decoded address bus, a Serial IRQ
interface with PCI nCLKRUN support, relocatable
configuration ports and three DMA channel
options.
Both on-chip UARTs are compatible with the
NS16C550.
One UART includes additional
support for a Serial Infrared Interface that
complies with IrDA v1.2 (Fast IR), HPSIR, and
ASKIR formats (used by Sharp and other PDAs),
as well as Consumer IR.
The parallel port is compatible with IBM PC/AT
architectures, as well as IEEE 1284 EPP and
ECP.
The parallel port ChiProtect circuitry
prevents damage caused by an attached
powered printer when the LPC47N227 is not
powered.
The LPC47N227 incorporates sophisticated
power control circuitry (PCC). The PCC supports
multiple
low
power
down
modes.
The
LPC47N227 also features Software Configurable
Logic (SCL) for ease of use.
SCL allows
programmable system configuration of key
functions such as the FDC, parallel port, and
UARTs.
The LPC47N227 supports the ISA Plug-and-Play
Standard (Version 1.0a) and provides the
recommended functionaity to support Windows
‘95/’98 and PC99.
The I/O Address, DMA
Channel and Hardware IRQ of each device in the
LPC47N227 may be reprogrammed through the
internal configuration registers. There are 192
I/O address location options, a Serialized IRQ
interface, and three DMA channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com