Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 63 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button LPC47N227 Datasheet HTML 59Page - SMSC Corporation LPC47N227 Datasheet HTML 60Page - SMSC Corporation LPC47N227 Datasheet HTML 61Page - SMSC Corporation LPC47N227 Datasheet HTML 62Page - SMSC Corporation LPC47N227 Datasheet HTML 63Page - SMSC Corporation LPC47N227 Datasheet HTML 64Page - SMSC Corporation LPC47N227 Datasheet HTML 65Page - SMSC Corporation LPC47N227 Datasheet HTML 66Page - SMSC Corporation LPC47N227 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 202 page
background image
63
3) Read ID - Verify head is on proper track
4) Issue Read/Write command.
The Seek command does not have a result phase. Therefore, it is highly recommended that the Sense
Interrupt Status command is issued after the Seek command to terminate it and to provide verification of
the head position (PCN). The H bit (Head Address) in ST0 will always return to a "0". When exiting
POWERDOWN mode, the FDC clears the PCN value and the status information to zero. Prior to issuing
the POWERDOWN command, it is highly recommended that the user service all pending interrupts through
the Sense Interrupt Status command.
Sense Interrupt Status
An interrupt signal is generated by the FDC for one of the following reasons:
1. Upon entering the Result Phase of:
a. Read Data command
b. Read A Track command
c. Read ID command
d. Read Deleted Data command
e. Write Data command
f.
Format A Track command
g. Write Deleted Data command
h. Verify command
2. End of Seek, Relative Seek, or Recalibrate command
3. FDC requires a data transfer during the execution phase in the non-DMA mode
The Sense Interrupt Status command resets the interrupt signal and, via the IC code and SE bit of
Status Register 0, identifies the cause of the interrupt.
Table 25 - Interrupt Identification
SE
IC
INTERRUPT DUE TO
0
1
1
11
00
01
Polling
Normal termination of Seek or
Recalibrate command
Abnormal termination of Seek
or Recalibrate command
The Seek, Relative Seek, and Recalibrate commands have no result phase. The Sense Interrupt Status
command must be issued immediately after these commands to terminate them and to provide verification
of the head position (PCN). The H (Head Address) bit in ST0 will always return a "0". If a Sense Interrupt
Status is not issued, the drive will continue to be BUSY and may affect the operation of the next command.
Sense Drive Status
Sense Drive Status obtains drive status information. It has not execution phase and goes directly to the
result phase from the command phase. Status Register 3 contains the drive status information.
Specify
The Specify command sets the initial values for each of the three internal times. The HUT (Head
Unload Time) defines the time from the end of the execution phase of one of the read/write commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com