Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 41 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button LPC47N227 Datasheet HTML 37Page - SMSC Corporation LPC47N227 Datasheet HTML 38Page - SMSC Corporation LPC47N227 Datasheet HTML 39Page - SMSC Corporation LPC47N227 Datasheet HTML 40Page - SMSC Corporation LPC47N227 Datasheet HTML 41Page - SMSC Corporation LPC47N227 Datasheet HTML 42Page - SMSC Corporation LPC47N227 Datasheet HTML 43Page - SMSC Corporation LPC47N227 Datasheet HTML 44Page - SMSC Corporation LPC47N227 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 202 page
background image
41
SYMBOL
NAME
DESCRIPTION
N
Sector Size Code
This specifies the number of bytes in a sector. If this parameter is
"00", then the sector size is 128 bytes.
The number of bytes
transferred is determined by the DTL parameter. Otherwise the sector
size is (2 raised to the "N'th" power) times 128. All values up to "07"
hex are allowable. "07"h would equal a sector size of 16k. It is the
user's responsibility to not select combinations that are not possible
with the drive.
N
SECTOR SIZE
00
128 Bytes
01
256 Bytes
02
512 Bytes
03
1024 Bytes
…
…
07
16K Bytes
NCN
New Cylinder
Number
The desired cylinder number.
ND
Non-DMA Mode
Flag
When set to 1, indicates that the FDC is to operate in the non-DMA
mode. In this mode, the host is interrupted for each data transfer.
When set to 0, the FDC operates in DMA mode.
OW
Overwrite
The bits D0-D3 of the Perpendicular Mode Command can only be
modified if OW is set to 1. OW id defined in the Lock command.
PCN
Present Cylinder
Number
The current position of the head at the completion of Sense Interrupt
Status command.
POLL
Polling Disable
When set, the internal polling routine is disabled. When clear, polling
is enabled.
PRETRK
Precompensation
Start Track
Number
Programmable from track 00 to FFH.
R
Sector Address
The sector number to be read or written. In multi-sector transfers,
this parameter specifies the sector number of the first sector to be
read or written.
RCN
Relative Cylinder
Number
Relative cylinder offset from present cylinder as used by the Relative
Seek command.
SC
Number of Sectors
Per Track
The number of sectors per track to be initialized by the Format
command. The number of sectors per track to be verified during a
Verify command when EC is set.
SK
Skip Flag
When set to 1, sectors containing a deleted data address mark will
automatically be skipped during the execution of Read Data. If Read
Deleted is executed, only sectors with a deleted address mark will be
accessed. When set to "0", the sector is read or written the same as
the read and write commands.
SRT
Step Rate Interval
The time interval between step pulses issued by the FDC.
Programmable from 0.5 to 8 milliseconds in increments of 0.5 ms at
the 1 Mbit data rate. Refer to the SPECIFY command for actual
delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com