Electronic Components Datasheet Search
  English  ▼

X  

LPC47N227 Datasheet(PDF) 4 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 4 Page - SMSC Corporation

  LPC47N227 Datasheet HTML 1Page - SMSC Corporation LPC47N227 Datasheet HTML 2Page - SMSC Corporation LPC47N227 Datasheet HTML 3Page - SMSC Corporation LPC47N227 Datasheet HTML 4Page - SMSC Corporation LPC47N227 Datasheet HTML 5Page - SMSC Corporation LPC47N227 Datasheet HTML 6Page - SMSC Corporation LPC47N227 Datasheet HTML 7Page - SMSC Corporation LPC47N227 Datasheet HTML 8Page - SMSC Corporation LPC47N227 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 202 page
background image
4
PIN CONFIGURATION
Note: Pinouts are the same for both the TQFP and STQFP Packages.
LPC47N227
100 Pin TQFP
DRVDEN0
DRVDEN1
nMTR0
nDSKCHG
nDS0
GP24
VSS
nDIR
nSTEP
nWDATA
nWGATE
nHDSEL
nINDEX
nTRK0
nWRTPRT
nRDATA
nIO_PME
VTR
CLOCKI
LAD0
LAD1
LAD2
LAD3
nLFRAME
nLDRQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
nSLCTIN
nINIT
VCC
GP23/FDC_PP
IRMODE/IRRX3
IRTX2
IRRX2
VSS
GP22
GP21
GP20
GP17
GP16
GP15
VCC
GP14/IRQIN2
GP13/IRQIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com