Electronic Components Datasheet Search
  English  ▼

X  

TTP255 Datasheet(PDF) 49 Page - Tontek Design Technology

Part # TTP255
Description  Target Spec.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP255 Datasheet(HTML) 49 Page - Tontek Design Technology

Back Button TTP255 Datasheet HTML 41Page - Tontek Design Technology TTP255 Datasheet HTML 42Page - Tontek Design Technology TTP255 Datasheet HTML 43Page - Tontek Design Technology TTP255 Datasheet HTML 44Page - Tontek Design Technology TTP255 Datasheet HTML 45Page - Tontek Design Technology TTP255 Datasheet HTML 46Page - Tontek Design Technology TTP255 Datasheet HTML 47Page - Tontek Design Technology TTP255 Datasheet HTML 48Page - Tontek Design Technology TTP255 Datasheet HTML 49Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
Preliminary
TTP255
TonTouch
TM
12’/08/21
Page 49 of 49
Ver3.0
§
Application Circuit
§
Ordering Form:
Modified Record:
IP modified record:
No.
Mask Option
Function Descriptions
+1
0
VDD=3V , pump
Power Supply option
3V/5V
1
VDD=5V , no pump
+1
0
IIC function for CPUA
IIC function for CPUA/CPUB
1
IIC function for CPUB
+1
0
LVR function disable
LVREN
1
LVR function enable
+1
0
LDO Voltage select 2.7V output
LDO VS
1
LDO Voltage select 3.3V output
00
F1 for CPUA call CPUB , F2 for CPUB call CPUA
01
F1 for CPUA ,call CPUB, F2 for CPUB call CPUA
10
F1 & F2 for CPUA call CPUB
+2
Software interrupt select
11
F1 & F2 for CPUB call CPUA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com