Electronic Components Datasheet Search
  English  ▼

X  

TTP255 Datasheet(PDF) 1 Page - Tontek Design Technology

Part # TTP255
Description  Target Spec.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP255 Datasheet(HTML) 1 Page - Tontek Design Technology

  TTP255 Datasheet HTML 1Page - Tontek Design Technology TTP255 Datasheet HTML 2Page - Tontek Design Technology TTP255 Datasheet HTML 3Page - Tontek Design Technology TTP255 Datasheet HTML 4Page - Tontek Design Technology TTP255 Datasheet HTML 5Page - Tontek Design Technology TTP255 Datasheet HTML 6Page - Tontek Design Technology TTP255 Datasheet HTML 7Page - Tontek Design Technology TTP255 Datasheet HTML 8Page - Tontek Design Technology TTP255 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Preliminary
TTP255
TonTouch
TM
12’/08/21
Page 1 of 49
Ver3.0
TTP255 Target Spec.
§ General Description:
TTP255 MCU is an easy-used 4-bit CPU base microcontroller. It
contains 4K-word ROM 、 384-nibble RAM 、 timer/Counter 、 interrupt
service 、IO control hardware、touch pad feature、LDO and TT-BUS for
specified applications. The device is also suitable for diverse applications
in control appliance and consumer product.
§ Features:
1. Tontek Dual RISC 4-bit CPU cores
2. Total 26 crucial instructions and two addressing mode
3. Most instructions need 1 word and 1 machine cycle(2 system clocks)
except read table instruction(RTB)
4. advance CMOS process
5. Working memory with 4K*16 program ROM and 256*4 SRAM
6. 4-level stacks for CPUA (+4 stacks for CPUB)
7. Operating voltage: 2.0V~5.5V
8. System operating frequency: (at VDD=5V )
. High speed system oscillator (OSCH):
Resonator mode: 400KHz~8MHz
RC mode: 150KHz~4MHz
Built-in RC oscillator: 4MHz(typical at 5V)
External clock mode: DC~8MHz
.Low speed peripheral oscillator (OSCL):
Built-in RC oscillator: 16KHz(typical)
9. Offer 8~20 general programmable I/O or input pins
Built-in key wake-up feature enable by software setting
Providing external interrupt inputs and Timer clock inputs
Offering internal signal outputs, like buzzer(PFD)
10. Two 8-bit auto-reload timer/counter & one time base counter
4 timer clock sources(internal & external) selected by software
Timer provides the PFD feature for Buzzer output driver
Time base offers 2 various period interrupt request
11. MCU system protection and power saving controlled mode:


Similar Part No. - TTP255

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP252 TONTEK-TTP252 Datasheet
391Kb / 40P
Target Spec.
TTP258 TONTEK-TTP258 Datasheet
317Kb / 44P
Preliminary
TTP258OD-FOBN TONTEK-TTP258OD-FOBN Datasheet
317Kb / 44P
Preliminary
TTP258RD-AOBN TONTEK-TTP258RD-AOBN Datasheet
317Kb / 44P
Preliminary
TTP259 TONTEK-TTP259 Datasheet
587Kb / 81P
Preliminary
More results

Similar Description - TTP255

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9110 VITESSE-VSC9110 Datasheet
1Mb / 13P
Target Specification
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
Target Specification
logo
Varitronix internationa...
COG-C150FAG-01 VARITRONIX-COG-C150FAG-01 Datasheet
90Kb / 1P
MODULE SPEC
COG-C286FVJ-01 VARITRONIX-COG-C286FVJ-01 Datasheet
39Kb / 1P
MODULE SPEC
logo
Baumer IVO GmbH & Co. K...
N155 IVO-N155 Datasheet
471Kb / 4P
Target Displays
logo
Semikron International
SKM75GB12V SEMIKRON-SKM75GB12V Datasheet
388Kb / 3P
Target Data
SKM150GAL12V SEMIKRON-SKM150GAL12V Datasheet
424Kb / 3P
Target Data
SKM150GB12V SEMIKRON-SKM150GB12V Datasheet
388Kb / 3P
Target Data
logo
List of Unclassifed Man...
PI-5328 ETC2-PI-5328 Datasheet
363Kb / 1P
Target Contact
logo
Tontek Design Technolog...
TTP252 TONTEK-TTP252 Datasheet
391Kb / 40P
Target Spec.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com