Electronic Components Datasheet Search
  English  ▼

X  

TTP255 Datasheet(PDF) 11 Page - Tontek Design Technology

Part # TTP255
Description  Target Spec.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP255 Datasheet(HTML) 11 Page - Tontek Design Technology

Back Button TTP255 Datasheet HTML 7Page - Tontek Design Technology TTP255 Datasheet HTML 8Page - Tontek Design Technology TTP255 Datasheet HTML 9Page - Tontek Design Technology TTP255 Datasheet HTML 10Page - Tontek Design Technology TTP255 Datasheet HTML 11Page - Tontek Design Technology TTP255 Datasheet HTML 12Page - Tontek Design Technology TTP255 Datasheet HTML 13Page - Tontek Design Technology TTP255 Datasheet HTML 14Page - Tontek Design Technology TTP255 Datasheet HTML 15Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Preliminary
TTP255
TonTouch
TM
12’/08/21
Page 11 of 49
Ver3.0
§ System function description:
S-1: System Oscillators
The high speed oscillator can be operated in 3 different oscillator
modes; resonator mode, RC mode & external clock mode. The oscillator
mode can be defined by mask option.
Resonator/crystal mode (400K Hz~8M Hz oscillator)
A 400K Hz~8M Hz crystal across OSCI and OSCO pads, capacitors are
connected between OSCI/OSCO pads and ground (VSS).
RC mode (150KHz~4MHz oscillator, built-in mode fixed 4MHz)
The external resistor connected OSCI and the other end ground to
VSS. The recommend value of Rext between 60K and 500K , if used Rext
value too low (under 2K ), the oscillator will become unstable or stop. On
the other hand, if used Rext value too high (over 1M ), the oscillator will
easily be interfered by external radiation. OSCH/4 output signal is the internal
oscillating RC clock divided by 4 and keeps at high level during system reset.
External clock mode (DC~8MHz)
The oscillator supports the external clock direct input (OSCI). For the
clock source directly drives the crystal oscillator input, so it needs the same
wake up time (OST) as crystal mode from power on or power saving mode.
S-2: Peripheral Oscillators
The low speed oscillator was built-in an internal RC oscillator that is for
low power consumption consideration and fixed peripheral device timing
control. The peripheral oscillator provides three models for user’s selection,
but the target peripheral oscillator frequency is set about 16 KHz. The
external R mode is just for micro-adjustment for more accurate 16 KHz
frequency.
Built-in RC oscillator and the frequency range between 12 KHz ~ 22 KHz.
S-3: CPU clock
The CPU clock comes from system/peripheral oscillator which was
controlled by H/L bit in PS register. In the normal operation, the system
clock comes from high speed system oscillator (OSCH/2). The low speed
operation frequency (OSCL/2) comes from RC oscillator was selected by
mask option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com