Electronic Components Datasheet Search
  English  ▼

X  

TTP255 Datasheet(PDF) 39 Page - Tontek Design Technology

Part # TTP255
Description  Target Spec.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP255 Datasheet(HTML) 39 Page - Tontek Design Technology

Back Button TTP255 Datasheet HTML 35Page - Tontek Design Technology TTP255 Datasheet HTML 36Page - Tontek Design Technology TTP255 Datasheet HTML 37Page - Tontek Design Technology TTP255 Datasheet HTML 38Page - Tontek Design Technology TTP255 Datasheet HTML 39Page - Tontek Design Technology TTP255 Datasheet HTML 40Page - Tontek Design Technology TTP255 Datasheet HTML 41Page - Tontek Design Technology TTP255 Datasheet HTML 42Page - Tontek Design Technology TTP255 Datasheet HTML 43Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Preliminary
TTP255
TonTouch
TM
12’/08/21
Page 39 of 49
Ver3.0
PBC: Port B I/O control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PBC3
PBC2
PBC1
PBC0
Read/Write
R/W
R/W
R/W
R/W
PBC7~PBC0: port B I/O control register.
PB: Port B data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PB3
PB2
PB1
PB0
Read/Write
R/W
R/W
R/W
R/W
PB3~PB0: port B data register.
PCC: Port C I/O control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PCC3
PCC2
PCC1
PCC0
Read/Write
R/W
R/W
R/W
R/W
PCC3~PCC0: port C I/O control register.
PC: Port C data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PC3
PC2
PC1
PC0
Read/Write
R/W
R/W
R/W
R/W
PC3~PC0: port C data register.
PDC: Port D I/O control register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PDC3
PDC2
PDC1
PDC0
Read/Write
R/W
R/W
R/W
R/W
PDC3~PDC0: port D I/O control register.
PD: Port D data register [R/W], default value [1111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PD3
PD2
PD1
PD0
Read/Write
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com