| Electronic Components Datasheet Search |
|
TTP255 Datasheet(PDF) 44 Page - Tontek Design Technology |
|
|
|||||||||||||||||||||||||||||
TTP255 Datasheet(HTML) 44 Page - Tontek Design Technology |
|
44 / 49 page ![]() Preliminary TTP255 TonTouch TM 12’/08/21 Page 44 of 49 Ver3.0 * TT-Bus Status Register 2 (TTSR2), default value [000-] Register Bit3 Bit2 Bit1 Bit0 Bit Name ICF IAAS IBB - Read/Write R R/W R - ICF – Data Transfer Complete 1(set) – A byte transfer has been completed. 0(clear) – A byte is being transfer. When ICF is set, the IIF (TT-Bus interrupt) bit is also set. A TT-Bus interrupt is generated if the IIEN bit is set. IAAS – Addressed as Slave 1(set) – Currently addressed as slave. 0(clear) – Not currently addressed. This IAAS bit is set when its own specific address (TT-Bus Address register) matches the calling address. When IAAS is set, the IIF (TT-Bus interrupt) bit is also set. An interrupt is generated if the IIEN bit is set. Then CPU needs to check the SRW bit and set its TX bit accordingly. Writing to the TT-Bus Control register 2 clears this bit. IBB – Bus Busy 1(set) – TT-Bus busy. 0(clear) – TT-Bus idle. This bit indicates the status of the bus. When a START signal is detected, IBB is set. When a STOP signal is detected, it is cleared. * TT-Bus Low Nibble Data I/O Register (TTDRL), default value [0000] Register Bit3 Bit2 Bit1 Bit0 Bit Name D3 D2 D1 D0 Read/Write R/W R/W R/W R/W D3~D0 are the low nibble bits of the TT-Bus module. In transmit mode, data written into this register is sent to the bus automatically, with the most significant bit out first. In receive mode, reading of this register initiates receiving of the next byte data. * TT-Bus High Nibble Data I/O Register (TTDRH), default value [0000] Register Bit3 Bit2 Bit1 Bit0 Bit Name D7 D6 D1 D0 Read/Write R/W R/W R/W R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |