Electronic Components Datasheet Search
  English  ▼

X  

TTP255 Datasheet(PDF) 5 Page - Tontek Design Technology

Part # TTP255
Description  Target Spec.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP255 Datasheet(HTML) 5 Page - Tontek Design Technology

  TTP255 Datasheet HTML 1Page - Tontek Design Technology TTP255 Datasheet HTML 2Page - Tontek Design Technology TTP255 Datasheet HTML 3Page - Tontek Design Technology TTP255 Datasheet HTML 4Page - Tontek Design Technology TTP255 Datasheet HTML 5Page - Tontek Design Technology TTP255 Datasheet HTML 6Page - Tontek Design Technology TTP255 Datasheet HTML 7Page - Tontek Design Technology TTP255 Datasheet HTML 8Page - Tontek Design Technology TTP255 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Preliminary
TTP255
TonTouch
TM
12’/08/21
Page 5 of 49
Ver3.0
$ DC & AC Characteristics
§ Absolute Maximum ratings:
ITEM
SYMBOL
RATING
UNIT
Operating Temperature
Top
-20℃ ~ +70℃
℃
Storage Temperature
Tst
-50℃ ~ +125℃
℃
Supply Voltage
VDD
VSS-0.3 ~ VSS+6.0
V
OTP Supply Voltage
VPP
VSS-0.3 ~ VSS+12.5
V
Input Voltage
Vin
VSS -0.3 ~ VDD+0.3
V
Human Body Mode
ESD
>5
KV
Note: VSS symbolizes for system ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com