Electronic Components Datasheet Search
  English  ▼

X  

TTP255 Datasheet(PDF) 36 Page - Tontek Design Technology

Part # TTP255
Description  Target Spec.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP255 Datasheet(HTML) 36 Page - Tontek Design Technology

Back Button TTP255 Datasheet HTML 32Page - Tontek Design Technology TTP255 Datasheet HTML 33Page - Tontek Design Technology TTP255 Datasheet HTML 34Page - Tontek Design Technology TTP255 Datasheet HTML 35Page - Tontek Design Technology TTP255 Datasheet HTML 36Page - Tontek Design Technology TTP255 Datasheet HTML 37Page - Tontek Design Technology TTP255 Datasheet HTML 38Page - Tontek Design Technology TTP255 Datasheet HTML 39Page - Tontek Design Technology TTP255 Datasheet HTML 40Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Preliminary
TTP255
TonTouch
TM
12’/08/21
Page 36 of 49
Ver3.0
.. I/O port with internal output & external input
The standard input/output port has the I/O control register for
switching input or output mode and output data register stores the output
data in output mode. If control register=1 and output data=1, the I/O port
is programmed as input with pull-up resister and also actives the wake-up
function. User intends to read the port data with differed read instruction.
The read PI is reading data comes from PAD input data. The data register
reading result will have the same value with output register data. If enable
internal output by mask option, the internal output will control by output
data (on/off) and outputs to PAD.
I/O control Data
Output data
Pull-up
Wake-up
0
X
No
No
1
0
No
No
1
1
Enable
Enable
X: don’t care the value
I/O control Data
Internal output
PAD
0
enable
Output Register data Q*internal data
0
disable
Output Register data
1
X
PAD input data
X: don’t care the value
Read PI
Mode
Read Input Data
0
Output mode
Output Register data Q
1
Input mode
PAD input data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com