Electronic Components Datasheet Search
  English  ▼

X  

TTP255 Datasheet(PDF) 16 Page - Tontek Design Technology

Part # TTP255
Description  Target Spec.
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP255 Datasheet(HTML) 16 Page - Tontek Design Technology

Back Button TTP255 Datasheet HTML 12Page - Tontek Design Technology TTP255 Datasheet HTML 13Page - Tontek Design Technology TTP255 Datasheet HTML 14Page - Tontek Design Technology TTP255 Datasheet HTML 15Page - Tontek Design Technology TTP255 Datasheet HTML 16Page - Tontek Design Technology TTP255 Datasheet HTML 17Page - Tontek Design Technology TTP255 Datasheet HTML 18Page - Tontek Design Technology TTP255 Datasheet HTML 19Page - Tontek Design Technology TTP255 Datasheet HTML 20Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Preliminary
TTP255
TonTouch
TM
12’/08/21
Page 16 of 49
Ver3.0
*
Power saving mode condition & Release
Modes
Stop mode
Sleep mode
High speed oscillator
Stopped
Stopped as H/L=0
High speed oscillator
Stopped
Keep Operating
CPU clock
Stopped
Stopped
CPU internal status
Stop & Retain the status
Memory, Flag, Register,
I/O
Retain the status
Program counter
Hold the next executed address
Peripherals: Time base,
Timers, Interrupts
Stopped & Retain
(Vref off)
Keep Operating
Watch Dog Timer
Disable & cleared
Release Condition
Reset, external INT,
Input wake-up
Reset, external and internal INT
sources, Input Wake-up
S-6: Watch Dog Timer (WDT)
The clock of watch dog timer comes from time base overflow (TB1_1OV). If
time base frequency select 8KHz or 1KHz, watch dog timer’s clock is switch to
64Hz. User can use the time up signal to prevent a software malfunction or
abnormal sequence from jumping to an unknown memory location causing a
system fatal failure. Normally, if the watchdog timer time up signal active that
will reset the chip. At the same time, program and hardware can be initialized
and resume system under normal operation. The chip also provides 2 steps clear
watchdog command as the programmer writes INTAF with $F data first that will
enable the WDT clear, and then writes the power saving (PS) control register
after. Completely finishes the two write & read steps will clear the watch dog
timer. User should well arrange the two command steps for avoiding the dead
lock loop.
User should keep in minds that always reset WDT at main
program and never clear the WDT in the interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com