Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 197 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 197 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 193Page - National Semiconductor (TI) PC87416 Datasheet HTML 194Page - National Semiconductor (TI) PC87416 Datasheet HTML 195Page - National Semiconductor (TI) PC87416 Datasheet HTML 196Page - National Semiconductor (TI) PC87416 Datasheet HTML 197Page - National Semiconductor (TI) PC87416 Datasheet HTML 198Page - National Semiconductor (TI) PC87416 Datasheet HTML 199Page - National Semiconductor (TI) PC87416 Datasheet HTML 200Page - National Semiconductor (TI) PC87416 Datasheet HTML 201Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
197
www.national.com
9.3.24
VDD Active Timer 3 Register (VDD_ON_TMR_3)
This register holds a copy of bits 24-31 of the VDD Active Timer. Whenever the VDD_ON_TMR_3 register is read, the
updating of all four VDD_ON_TMR_0 to VDD_ON_TMR_3 registers is resumed. Therefore, this register must be read
last. It is reset by hardware to 00h.
Power Well:VPP
Location: Bank 1, Offset 13h
Type:
RO
9.3.25
VSB Active Timer 0 Register (VSB_ON_TMR_0)
This register holds a copy of bits 0-7 of the VSB Active Timer. Whenever the VSB_ON_TMR_0 register is read, the
updating of all four VSB_ON_TMR_0 to VSB_ON_TMR_3 registers is stopped, freezing the count value. Therefore, this
register must be read first. It is reset by hardware to 00h.
Power Well:VPP
Location: Bank 1, Offset 14h
Type:
RO
9.3.26
VSB Active Timer 1 Register (VSB_ON_TMR_1)
This register holds a copy of bits 8-15 of the VSB Active Timer. It is reset by hardware to 00h.
Power Well:VPP
Location: Bank 1, Offset 15h
Type:
RO
Bit
76
5
43210
Name
VDD Timer Data Bits 24-31
Reset
0
0
0
00000
Bit
Description
7-0
VDD Timer Data, bits 24-31.
Bit
76
5
43210
Name
VSB Timer Data Bits 0-7
Reset
0
0
0
00000
Bit
Description
7-0
VSB Timer Data, bits 0-7. An LSBit is equivalent to 1 second of the VDD power being active (On).
Bit
76
5
43210
Name
VSB Timer Data Bits 8-15
Reset
0
0
0
00000
Bit
Description
7-0
VSB Timer Data, bits 8-15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com