Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 200 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 200 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 196Page - National Semiconductor (TI) PC87416 Datasheet HTML 197Page - National Semiconductor (TI) PC87416 Datasheet HTML 198Page - National Semiconductor (TI) PC87416 Datasheet HTML 199Page - National Semiconductor (TI) PC87416 Datasheet HTML 200Page - National Semiconductor (TI) PC87416 Datasheet HTML 201Page - National Semiconductor (TI) PC87416 Datasheet HTML 202Page - National Semiconductor (TI) PC87416 Datasheet HTML 203Page - National Semiconductor (TI) PC87416 Datasheet HTML 204Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
200
Revision1.2
9.3.31
Sleep State Configuration Register (SLP_ST_CFG)
This register controls the operation of the Sleep Type encoding. It is reset by hardware to 00h.
Power Well:VPP
Location:Bank 2, Offset 16h
Type:
Varies per bit
Bit
76
5
43210
Name
LOCK
_SLP_ENC
Reserved
EXT_ST
_SELECT
S3I
_VDD_ON
S4
_SELECT
Reset
0
0
0
00000
Bit
Type
Description
7
R/W1S LOCK_SLP_ENC (Lock Sleep Type Encoding). When set to 1, this bit locks the S0_SLP_TYP to
S5_SLP_TYP and the SLP_ST_CFG registers by disabling the writing to them (including to the
LOCK_SLP_ENC bit itself). Once set, this bit can be cleared either by VDD Power-Up reset (or
Hardware reset) or by VSB Power-Up reset, according to the VSBLOCK bit in the ACBLKCTL register
(see Section 6.3.4 on page 128). In addition, this bit is cleared by setting the UNLOCKS bit in the
ACBLKCTL register (PC87413 and PC87417).
0: R/W bits are enabled for write (default)
1: All bits are RO
6-3
Reserved.
2
R/W or
RO
EXT_ST_SELECT (External Sleep State Select). Selects the source of the current sleep states.
0: SLP_TYPx field in the PM1b_CNT_HIGH register (see Section 9.4.7 on page 208); (default)
1: SLPS3 and SLPS5 signals from an external ACPI controller (see also the EXTSTMUX bit in the
SIOCF3 register, Section 3.7.4 on page 51)
1
R/W or
RO
S3I_VDD_ON (VDD-On in S3I Select). Selects the state of the VDD power supply in the S3I current
sleep state.
0: VDD power supply Off (default)
1: VDD power supply On
0
R/W or
RO
S4_SELECT (S4 Select). Selects whether the sleep state S4 (if supported) is included in either S3I or
S45 current sleep states.
0: S45 = S5 or S4 (default)
1: S3I = S3 or S4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com