Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 204 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 204 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 200Page - National Semiconductor (TI) PC87416 Datasheet HTML 201Page - National Semiconductor (TI) PC87416 Datasheet HTML 202Page - National Semiconductor (TI) PC87416 Datasheet HTML 203Page - National Semiconductor (TI) PC87416 Datasheet HTML 204Page - National Semiconductor (TI) PC87416 Datasheet HTML 205Page - National Semiconductor (TI) PC87416 Datasheet HTML 206Page - National Semiconductor (TI) PC87416 Datasheet HTML 207Page - National Semiconductor (TI) PC87416 Datasheet HTML 208Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
204
Revision1.2
9.4
ACPI REGISTERS
The ACPI registers are organized in three groups, all of which are VSB powered. The offsets are related to the base address
determined by the Base Address registers at indexes 62h - 67h in the SWC device configuration.
The PC8741x devices support the following ACPI fixed register groups:
• PM1 Event Group (block b), containing the PM1b_STS and PM1b_EN registers, each with a length of two bytes.
• PM1 Control Group (block b), containing the PM1b_CNT register with a length of 2 bytes.
• General-Purpose Event 1 Group, containing the GPE1_STS and GPE1_EN registers, each with a length of four bytes.
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from a specific register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
9.4.1
ACPI Register Map
The following table lists the ACPI registers. All these registers are VSB powered.
Base
Registers
Offset
Mnemonic
Register Name
Type
Power Well Section
At index
62h, 63h
00h
PM1b_STS_LOW PM1 Status Low Register
RO
VSB
9.4.2
01h
PM1b_STS_HIGH PM1 Status High Register
R/W1C
VSB
9.4.3
02h
PM1b_EN_LOW PM1 Enable Low Register
RO
VSB
9.4.4
03h
PM1b_EN_HIGH PM1 Enable High Register
R/W
VSB
9.4.5
At index
64h, 65h
00h
PM1b_CNT_LOW PM1 Control Low Register
RO
VSB
9.4.6
01h
PM1b_CNT_HIGH PM1 Control High Register
Varies per bit
VSB
9.4.7
At index
66h, 67h
00h
GPE1_STS_0
General-Purpose Status 1 Register 0
R/W1C
VSB
9.4.8
01h
GPE1_STS_1
General-Purpose Status 1 Register 1
R/W1C
VSB
9.4.9
02h
GPE1_STS_2
General-Purpose Status 1 Register 2
R/W1C
VSB
9.4.10
03h
GPE1_STS_3
General-Purpose Status 1 Register 3
R/W1C
VSB
9.4.11
04h
GPE1_EN_0
General-Purpose Enable 1 Register 0
R/W
VSB
9.4.12
05h
GPE1_EN_1
General-Purpose Enable 1 Register 1
R/W
VSB
9.4.13
06h
GPE1_EN_2
General-Purpose Enable 1 Register 2
R/W
VSB
9.4.14
07h
GPE1_EN_3
General-Purpose Enable 1 Register 3
R/W
VSB
9.4.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com