Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 239 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 239 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 235Page - National Semiconductor (TI) PC87416 Datasheet HTML 236Page - National Semiconductor (TI) PC87416 Datasheet HTML 237Page - National Semiconductor (TI) PC87416 Datasheet HTML 238Page - National Semiconductor (TI) PC87416 Datasheet HTML 239Page - National Semiconductor (TI) PC87416 Datasheet HTML 240Page - National Semiconductor (TI) PC87416 Datasheet HTML 241Page - National Semiconductor (TI) PC87416 Datasheet HTML 242Page - National Semiconductor (TI) PC87416 Datasheet HTML 243Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 257 page
background image
11.0 Device Characteristics (Continued)
Revision 1.2
239
www.national.com
11.5.2
Reset Timing
VSB Power-Up Reset
Figure 57. Internal VSB Power-Up Reset (No VBAT)
Symbol
Figure
Description
Reference Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
tLRST
57
Minimum LRESET active
time
Power stable to end of
LRESET
2048 * t32KOSC
tIRST
57
Internal power-on reset time
Power stable to end of
internal reset
8192 * t32KOSC
2
2. Valid VBAT; the 32 KHz internal clock is running while VSB is Off (see Low Frequency Clock Timing on
page 242).
t32KW
3 +
8192 * t32KOSC
3. No VBAT; the 32 KHz internal clock is stopped while VSB is Off (see Low Frequency Clock Timing on
page 242).
tIPLV
57
Internal strap pull-down
resistors, valid time4
4. Active on VSB Power-Up reset only.
Before end of internal reset
512 * t32KOSC
tIRST
tEPLV
57
External strap pull-up
resistors, valid time
Before end of internal reset
512 * t32KOSC
tIRST
VSB (Power)
32 KHz Clock
(Internal)
tIRST
Internal Straps
tIPLV
VSBONmin
External Straps
tEPLV
t32KOSC
(Internal)
(Pull-Down)
(Pull-Up)
t32KW
LRESET
VSB Power-Up Reset
tLRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com