Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 240 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 240 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 236Page - National Semiconductor (TI) PC87416 Datasheet HTML 237Page - National Semiconductor (TI) PC87416 Datasheet HTML 238Page - National Semiconductor (TI) PC87416 Datasheet HTML 239Page - National Semiconductor (TI) PC87416 Datasheet HTML 240Page - National Semiconductor (TI) PC87416 Datasheet HTML 241Page - National Semiconductor (TI) PC87416 Datasheet HTML 242Page - National Semiconductor (TI) PC87416 Datasheet HTML 243Page - National Semiconductor (TI) PC87416 Datasheet HTML 244Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
240
Revision1.2
VDD Power-Up Reset
Figure 58. Internal VDD Power-Up Reset
Hardware Reset
Figure 59. Hardware Reset
Symbol
Figure
Description
Reference Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
tLRST
58
Minimum LRESET active
time
Power stable to end of
LRESET
2048 * t32KOSC
tIRST
58
Internal Power-Up reset time
Power stable to end of
internal reset
8192 * t32KOSC
8704 * t32KOSC
tIPLV
58
Internal strap pull-down
resistors, valid time2
2. Active on VDD Power-Up reset only.
Before end of internal reset
512 * t32KOSC
tIRST
tEPLV
58
External strap pull-up
resistors, valid time
Before end of internal reset
512 * t32KOSC
tIRST
Symbol
Figure
Description
Reference Conditions
Min
Max
tWRST
59
LRESET pulse width
100 ns
VDD (Power)
32 KHz Clock
(Internal)
tIRST
Internal Straps
tIPLV
VDDONmin
External Straps
tEPLV
t32KOSC
(Internal)
(Pull-Down)
(Pull-Up)
LRESET
VDD Power-Up Reset
tLRST
Internal Clock
LRESET
tWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com