Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 244 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 244 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 240Page - National Semiconductor (TI) PC87416 Datasheet HTML 241Page - National Semiconductor (TI) PC87416 Datasheet HTML 242Page - National Semiconductor (TI) PC87416 Datasheet HTML 243Page - National Semiconductor (TI) PC87416 Datasheet HTML 244Page - National Semiconductor (TI) PC87416 Datasheet HTML 245Page - National Semiconductor (TI) PC87416 Datasheet HTML 246Page - National Semiconductor (TI) PC87416 Datasheet HTML 247Page - National Semiconductor (TI) PC87416 Datasheet HTML 248Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
244
Revision1.2
SERIRQ and LPC Signals
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Output
Output Valid Delay
After RE CLK
11
ns
tON
Output
Float to Active Delay
After RE CLK
21
1. Not tested. Guaranteed by characterization.
ns
tOFF
Output
Active to Float Delay
After RE CLK
281
ns
tSU
Input
Input Setup Time
Before RE CLK
7
ns
tHL
Input
Input Hold Time
After RE CLK
0
ns
Leakage Only
Leakage Only
0.285 VDD
0.615 VDD
0.4 VDD
0.4 VDD
LCLK
LAD3-LAD0,
LDRQ, SERIRQ
Outputs
tVAL
tON
tOFF
VDD = 3.3V ±10%
tVAL
LAD3-LAD0,
SERIRQ
Output Enabled
0.4 VDD
0.4 VDD
LCLK
LAD3-LAD0, LFRAME
LRESET, SERIRQ
Inputs
VDD = 3.3V ±10%
tHL
tSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com