Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 152Page - National Semiconductor (TI) PC87416 Datasheet HTML 153Page - National Semiconductor (TI) PC87416 Datasheet HTML 154Page - National Semiconductor (TI) PC87416 Datasheet HTML 155Page - National Semiconductor (TI) PC87416 Datasheet HTML 156Page - National Semiconductor (TI) PC87416 Datasheet HTML 157Page - National Semiconductor (TI) PC87416 Datasheet HTML 158Page - National Semiconductor (TI) PC87416 Datasheet HTML 159Page - National Semiconductor (TI) PC87416 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
www.national.com
156
Revision1.2
8.3.14
RTC Control Register B (CRB)
Power Well:VPP
Location: Index 0Bh
Type:
R/W
.
Bit
7654
3
2
1
0
Name
SETMODE
PIE
AIE
UIE
Reserved
DATMODE
HRMODE
DSVMODE
Reset
0000
0
0
0
0
Bit
Description
7
SETMODE (Set Mode). This bit is reset at VPP power-up reset only.
0: Timing updates occur normally
1: User copy of time is frozen, allowing the time registers to be accessed whether or not an update occurs
6
PIE (Periodic Interrupt Enable). Bits 3-0 of the CRA register determine the rate at which this interrupt is
generated. It is cleared to 0 on RTC reset (i.e., VSB Power-Up reset) or when RTC is disabled.
0: Disabled
1: Enabled
5
AIE (Alarm Interrupt Enable). This interrupt is generated immediately after a time update in which the seconds,
minutes, hours, date and month time equal their respective alarm counterparts. It is cleared to 0 as long as bit
7 of the CRD register reads 0.
0: Disabled
1: Enabled
4
UIE (Update Ended Interrupt Enable). This interrupt is generated when an update occurs. It is cleared to 0 on
RTC reset (i.e., VSB Power-Up reset) or when the RTC is disabled.
0: Disabled
1: Enabled
3
Reserved. This bit is defined as “Square Wave Enable” by MC146818 and is not supported by the RTC. It is
always read as 0.
2
DATMODE (Data Mode). This bit is reset at VPP power-up reset only.
0: BCD format enabled
1: Binary format enabled
1
HRMODE (Hour Mode). This bit is reset at VPP power-up reset only.
0: 12-hour format enabled
1: 24-hour format enabled
0
DSVMODE (Daylight Saving). This bit is reset at VPP power-up reset only.
0: Disabled
1: Enabled:
In the spring, time advances from 1:59:59 AM to 3:00:00 AM on the first Sunday in April.
In the fall, time returns from 1:59:59 AM to 1:00:00 AM on the last Sunday in October.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com