Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 153Page - National Semiconductor (TI) PC87416 Datasheet HTML 154Page - National Semiconductor (TI) PC87416 Datasheet HTML 155Page - National Semiconductor (TI) PC87416 Datasheet HTML 156Page - National Semiconductor (TI) PC87416 Datasheet HTML 157Page - National Semiconductor (TI) PC87416 Datasheet HTML 158Page - National Semiconductor (TI) PC87416 Datasheet HTML 159Page - National Semiconductor (TI) PC87416 Datasheet HTML 160Page - National Semiconductor (TI) PC87416 Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 257 page
background image
8.0 Real-Time Clock (RTC) (Continued)
Revision 1.2
157
www.national.com
8.3.15
RTC Control Register C (CRC)
Power Well:VPP
Location: Index 0Ch
Type:
RO
8.3.16
RTC Control Register D (CRD)
Power Well: VPP
Location: Index 0Dh
Type:
RO
Bit
76543210
Name
IRQF
PIF
AF
UF
Reserved
Reset
00000000
Bit
Description
7
IRQF (IRQ Flag). This bit mirrors the value on the interrupt output signal. When interrupt is active, this bit is 1.
To clear this bit (and deactivate the interrupt pin), perform a read on the CRC register. This read also clears flag
bits UF, AF and PF.
0: IRQ inactive
1: IRQ active, according to the equation: ((UIE and UF) or (AIE and AF) or (PIE and PF)); see Section 8.3.14 on
page 156
6
PIF (Periodic Interrupt Flag). This bit is cleared to 0 on RTC reset (i.e., hardware or software reset) or when
the RTC is disabled. In addition, this bit is cleared to 0 when this register is read.
0: No transition occurred on the selected tap since the last read
1: Transition occurred on the selected tap of the divider chain
5
AIF (Alarm Interrupt Flag). This bit is cleared to 0 as long as bit 7 of the CRD register is reads 0. In addition,
this bit is cleared to 0 when this register is read.
0: No alarm detected since the last read
1: Alarm condition detected
4
UIF (Update Ended Interrupt Flag). This bit is cleared to 0 on RTC reset (i.e., hardware or software reset) or
the RTC disabled. In addition, this bit is cleared to 0 when this register is read.
0: No update occurred since the last read
1: Time registers updated
3-0
Reserved.
Bit
76543210
Name
Valid RAM
and Time
Reserved
Reset
00000000
Bit
Description
7
Valid RAM and Time. This bit senses the voltage that feeds the RTC (VSB or VBAT) and indicates if the voltage
dropped below the specified minimum value VBATMIN. If the voltage is too low, the RTC contents (time/calendar
registers and CMOS RAM) are not valid. Reading this bit enables its updating by the status of the RTC supply
voltage.
0: RTC contents not valid
1: RTC contents (time/calendar registers and CMOS RAM) are valid
6-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com