Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 167Page - National Semiconductor (TI) PC87416 Datasheet HTML 168Page - National Semiconductor (TI) PC87416 Datasheet HTML 169Page - National Semiconductor (TI) PC87416 Datasheet HTML 170Page - National Semiconductor (TI) PC87416 Datasheet HTML 171Page - National Semiconductor (TI) PC87416 Datasheet HTML 172Page - National Semiconductor (TI) PC87416 Datasheet HTML 173Page - National Semiconductor (TI) PC87416 Datasheet HTML 174Page - National Semiconductor (TI) PC87416 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
171
www.national.com
In addition, a wake-up mechanism can be enabled to trigger a 100 ms pulse at the PWBTOUT output on each valid wake-
up event. This wake-up mechanism is routed to the PWBTOUT pulse generator only if the PWBTOUT_MODE bit in the
ACPI_CFG register (see Section 9.3.32 on page 201) is reset.
The PWBTOUT wake-up mechanism is similar to the one described for the ONCTL signal, as follows:
q
It is based on status bits in the GPE1_STS_0 to GPE1_STS_3 registers and in the PM1b_STS_HIGH register (ex-
cept the PWBT_EVT_STS and the PWRBTN_STS bits).
q
It is not affected by the Watchdog Status bit (WDO_EVT_STS).
q
It is independent of the enable bits in the GPE1_EN_0 to GPE1_EN_3 registers and in the PM1b_EN_HIGH register.
q
It is dependent only on the S3I and S45 current sleep states.
q
Its configuration bits are also located in the WK_ST_EN register, which is accessed by writing the event index value
into the WKUPSEL field of the WK_EVT_SEL register.
The PWBT_EN_S3I and PWBT_EN_S45 bits control the generation of a wake-up pulse on PWBTOUT by an active event
(currently accessed through the WK_EVT_SEL register) when the PC8741x device is in S3I or in S45 current state, respec-
tively.
Any valid wake-up event is disabled from generating a wake-up pulse on PWBTOUT for 1 second after the power supply
has been turned off (by setting ONCTL = 1). If the Keyboard/Mouse Power Control feature (VDDFELL) is enabled by setting
the VDDFLMUX bit to ‘1’ (in the SIOCF2 register; see Section 3.7.3 on page 50), the Keyboard and Mouse wake-up events
are disabled from generating a wake-up pulse for 2 seconds after the power supply has been turned off (by setting ONCTL
= 1).
A PWBTOUT pulse is generated only when the VDD power is not present or when a PWBTIN pulse occurred.
Figure 51. PWBTOUT Control
GPE1_STS_0-3
Status
Set
PWBTOUT
State S3I
From Other
Enabled Events
State S45
PWBT_
EN_S45
PWBT_
EN_S3I
Off
Crowbar
1 Second
Pulse
Detected
Event
(one of 30
100 ms
Pulse
No_Vdd
PWBTIN
PWBTOUT
_MODE
Resume
from
Power Fail
4 s
Pulse
Status
Set
PWBTIN
events;
PWBTN is
separate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com