Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 171Page - National Semiconductor (TI) PC87416 Datasheet HTML 172Page - National Semiconductor (TI) PC87416 Datasheet HTML 173Page - National Semiconductor (TI) PC87416 Datasheet HTML 174Page - National Semiconductor (TI) PC87416 Datasheet HTML 175Page - National Semiconductor (TI) PC87416 Datasheet HTML 176Page - National Semiconductor (TI) PC87416 Datasheet HTML 177Page - National Semiconductor (TI) PC87416 Datasheet HTML 178Page - National Semiconductor (TI) PC87416 Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
175
www.national.com
The VSB Power-up and VDD Power-up resets both de-assert the WDO signal before the 250 ms have passed. The
WDO_EVT_STS status bit is cleared by the VSB Power-up reset.
Usage Hints Before changing the Watchdog Time-Out Data value in the WDTO register, set all the enable bits of the watch-
dog trigger events to ‘0’ - disable (in the WDCFG register; see Section 9.3.35 on page 203). Re-enable the watchdog trigger
events (set to ‘1’) after writing the new Watchdog Time-Out Data.
9.2.10
Miscellaneous Functions
Power Management Control
The SWC contains two Power Management registers, which allows the software to disable each Legacy module and to
TRI-STATE its outputs in a centralized manner.
The SWC Fast Disable register (SWCFDIS) provides a fast way for the Power Management software to disable one or
more Legacy modules without having to access the Activate register of each module (at index 30h) through the Index/Data
registers. The FDC, Parallel Port, Serial Port 1, Serial Port 2, Mouse Control and Keyboard Control logical devices can be
disabled through the SWCFDIS register (see Section 9.3.8 on page 185).
The SWC TRI-STATE register (SWCTRIS) also provides a fast way for the Power Management software to float the out-
puts of one or more Legacy modules without having to access their TRI-STATE Control bit in the Special Configuration reg-
ister at index F0h. The module outputs enter TRI-STATE only when the module is disabled. The FDC, Parallel Port, Serial
Port 1, Serial Port 2, Mouse and Keyboard Control module outputs can be TRI-STATED through the SWCTRIS register (see
Section 9.3.9 on page 186).
Keyboard/Mouse Power Control (VDDFELL)
If the VDDFLMUX bit in the SIOCF2 register (see Section 3.7.3 on page 50) is set to ‘1’, the SWC generates a 1 second,
active high pulse at the VDDFELL pin each time the VDD power supply is turned off (by setting the ONCTL signal to high
level). This signal can be used by the system to turn off VSB power to the Keyboard and Mouse devices, thus causing them
to reset their internal circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com