Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 174Page - National Semiconductor (TI) PC87416 Datasheet HTML 175Page - National Semiconductor (TI) PC87416 Datasheet HTML 176Page - National Semiconductor (TI) PC87416 Datasheet HTML 177Page - National Semiconductor (TI) PC87416 Datasheet HTML 178Page - National Semiconductor (TI) PC87416 Datasheet HTML 179Page - National Semiconductor (TI) PC87416 Datasheet HTML 180Page - National Semiconductor (TI) PC87416 Datasheet HTML 181Page - National Semiconductor (TI) PC87416 Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
178
Revision1.2
9.3.2
Wake-Up Event Select Register (WK_EVT_SEL)
This register selects the wake-up event to be configured (i.e., which register is accessed via the Wake-Up State Enable reg-
ister). Since access to the Wake-Up State Enable register requires two transactions (first to WK_EVT_SEL and then to
WK_ST_EN) and since the LPC bus and ACCESS.bus access the module concurrently (PC87413 and PC87417), the
WK_EVT_SEL register is duplicated (one accessed by the host and one by the ACCESS.bus).This register is reset by hard-
ware to 00h.
The wake-up events selected through this register are active when either the bits of the GPE1_STS_0 to GPE1_STS_3 reg-
isters or the PM1b_STS_HIGH register are set. Table 48 shows the mapping of the WKUPSEL field value to each wake-up
event and the related status bit.
Power Well:VPP
Location: All Banks, Offset 00h
Type:
R/W
Table 46. Bank 2 - Sleep States and ACPI Configuration Register Map
Offset
Mnemonic
Register Name
Type
Power Well Section
10h
S0_SLP_TYP
S0 Sleep Type Encoding
R/W or RO
VPP
9.3.30
11h
S1_SLP_TYP
S1 Sleep Type Encoding
R/W or RO
VPP
9.3.30
12h
S2_SLP_TYP
S2 Sleep Type Encoding
R/W or RO
VPP
9.3.30
13h
S3_SLP_TYP
S3 Sleep Type Encoding
R/W or RO
VPP
9.3.30
14h
S4_SLP_TYP
S4 Sleep Type Encoding
R/W or RO
VPP
9.3.30
15h
S5_SLP_TYP
S5 Sleep Type Encoding
R/W or RO
VPP
9.3.30
16h
SLP_ST_CFG
Sleep State Configuration
Varies per bit
VPP
9.3.31
17h
ACPI_CFG
ACPI Configuration
R/W
VPP
9.3.32
18h-1Fh Reserved
Table 47. Bank 3 - Watchdog Register Map
Offset
Mnemonic
Register Name
Type
Power Well Section
10h
WDCTL
Watchdog Control
Varies per bit
VSB
9.3.33
11h
WDTO
Watchdog Time-Out
R/W
VSB
9.3.34
12h
WDCFG
Watchdog Configuration
R/W
VSB
9.3.17
13h-1Fh Reserved
Bit
76543210
Name
Reserved
WKUPSEL
Reset
00000000
Bit
Description
7-5
Reserved.
4-0
WKUPSEL (Wake-Up Event Select). These bits select a wake-up event to be configured through the
WK_ST_EN register (see Table 48).
00000: GPIOE10 Event Status (default)
00001 to 11111: Wake-up events (see Table 48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com