Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 186Page - National Semiconductor (TI) PC87416 Datasheet HTML 187Page - National Semiconductor (TI) PC87416 Datasheet HTML 188Page - National Semiconductor (TI) PC87416 Datasheet HTML 189Page - National Semiconductor (TI) PC87416 Datasheet HTML 190Page - National Semiconductor (TI) PC87416 Datasheet HTML 191Page - National Semiconductor (TI) PC87416 Datasheet HTML 192Page - National Semiconductor (TI) PC87416 Datasheet HTML 193Page - National Semiconductor (TI) PC87416 Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
190
Revision1.2
9.3.12
LED Control Register (LEDCTL)
This register controls the operation mode of the two LEDs driven by the PC8741x device. It is reset by hardware to 00h.
Power Well:VPP
Location: All Banks, Offset 0Ah
Type:
R/W
Bit
76
5
43210
Name
Reserved
LEDCFG
LEDPOL
Reserved
LEDMOD
Reset
0
0
0
00000
Bit
Description
7-6
Reserved.
5
LEDCFG (LED Configuration). This bit enables the use of either two regular LEDs, connected between each
pin (LED1, LED2) and ground or VSB, or one dual-colored LED, connected between the LED1 and LED2 pins.
0: One dual-colored LED (default)
1: Two regular LEDs
4
LEDPOL (LED Polarity). This bit determines the polarity of LED1 and LED2 outputs. An active output,
according to this bit setting, turns the LED On. For the dual-colored LED configuration, changing the polarity
reverses the LED colors.
0: Active high - LED cathode connected to ground (default)
1: Active low - LED anode connected to VSB
3-2
Reserved.
1-0
LEDMOD (LED Operation Mode). These bits control the operation mode of LED1 and LED2 in each power
state. Table 50 shows the behavior of the LED1 and LED2 outputs as a function of the system power state.
Table 50. LED1 and LED2 as a Function of the Power State
LEDMOD
Power Fail1
1. Power Fail: VSB and VDD Off. Power Off: VSB On, VDD Off. Power On: VSB and VDD On;
Power Off1
State S452
2. Sleep states S3I and S45 are PC8741x device current states (see Section 9.3.31 on page 200).
State S3I2
Power On1
LED1
LED2
00
(default)
Yes
Off
Off
No
XXXX
S/W13
3. Controlled by the value of LED1BLNK in the LEDBLNK register.
S/W24
4. Controlled by the value of LED2BLNK in the LEDBLNK register.
01
Yes
Off
Off
Yes
X
X
Blink5
5. 1 Hz blink with 50% duty cycle.
Blink5
Yes
S/W1
S/W2
10
Yes
Off
Off
X
Yes
Off
Off
X
Yes
S/W1
S/W2
Yes
S/W1
S/W2
11
Yes
Off
Off
X
Yes
S/W1
S/W2
X
Yes
S/W1
S/W2
Yes
S/W1
S/W2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com