Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 187 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 187 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 183Page - National Semiconductor (TI) PC87416 Datasheet HTML 184Page - National Semiconductor (TI) PC87416 Datasheet HTML 185Page - National Semiconductor (TI) PC87416 Datasheet HTML 186Page - National Semiconductor (TI) PC87416 Datasheet HTML 187Page - National Semiconductor (TI) PC87416 Datasheet HTML 188Page - National Semiconductor (TI) PC87416 Datasheet HTML 189Page - National Semiconductor (TI) PC87416 Datasheet HTML 190Page - National Semiconductor (TI) PC87416 Datasheet HTML 191Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
187
www.national.com
9.3.10
SWC Miscellaneous Control Register (SWC_CTL)
This register contains control and status bits for the SWC module. It is reset by hardware to 00h.
Power Well:VPP
Location: All Banks, Offset 08h
Type:
Varies per bit
Bit
76
5
43210
Name
SW_OFF
_CTL
SW_ON
_CTL
PWB_OVR
_STS
CROWBAR
_STS
Reserved
SWAP
_KBMS
Reset
0
0
0
00000
Bit
Type
Description
7
R/W
SW_OFF_CTL (Software Off Control). Writing ‘1’ to this bit sets the SW_OFF_STS bit in the
GPE1_STS_3 register (see Section 9.4.11 on page 211), which requests a VDD power off sequence.
This bit then returns to ‘0’ (read always returns ‘0’).
0: Inactive (default)
1: Requests a VDD power off sequence
6
R/W
SW_ON_CTL (Software On Control). Writing ‘1’ to this bit sets the SW_ON_STS bit in the
GPE1_STS_3 register (see Section 9.4.11 on page 211), which requests a VDD Power On sequence.
This bit then returns to ‘0’ (read always returns ‘0’). When the VDD power is off, this bit can be written
only through the ACCESS.bus (PC87413 and PC87417).
0: Inactive (default)
1: Requests a VDD Power On sequence
5
R/W1C PWB_OVR_STS (Power Button Override Status). Indicates that the Power Button Override event has
occurred (Power button pressed for more than 4 seconds). In this condition the VDD power is
unconditionally turned off. Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Inactive (default)
1: Power Button Override event has occurred
4
R/W1C CROWBAR_STS (Crowbar Status). Indicates that the Crowbar event has been detected (VDD
remained Off for longer than the Crowbar Timeout). In this condition the VDD power is turned off. Writing
‘1’ clears this bit; writing ‘0’ is ignored.
0: Inactive (default)
1: Crowbar event has been detected
3-1
Reserved.
0
R/W
SWAP_KBMS (Swap Keyboard and Mouse Inputs). When this bit is set, the keyboard signals
(KBCLK and KBDAT) are swapped with the mouse signals (MCLK and MDAT). This bit must be set to
the same value as the Swap bit in the KBC Configuration register (see Section 3.13.3 on page 69).
0: No swapping (default)
1: Swaps the keyboard and mouse signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com