Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 183 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 183 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 179Page - National Semiconductor (TI) PC87416 Datasheet HTML 180Page - National Semiconductor (TI) PC87416 Datasheet HTML 181Page - National Semiconductor (TI) PC87416 Datasheet HTML 182Page - National Semiconductor (TI) PC87416 Datasheet HTML 183Page - National Semiconductor (TI) PC87416 Datasheet HTML 184Page - National Semiconductor (TI) PC87416 Datasheet HTML 185Page - National Semiconductor (TI) PC87416 Datasheet HTML 186Page - National Semiconductor (TI) PC87416 Datasheet HTML 187Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
183
www.national.com
9.3.6
GPE1_STS Events to SMI Enable Low Register (GPE1_2SMI_LOW)
This register enables the wake-up events contained in bits 16-23 of the GPE1_STS register to generate an SMI interrupt. It
is reset by hardware to 00h.
Power Well:VPP
Location: All Banks, Offset 04h
Type:
R/W
Bit
76543210
Name
PWBT_EVT
_2SMI
SLBT_EVT
_2SMI
KBD_EVT3
_2SMI
KBD_EVT2
_2SMI
KBD_EVT1
_2SMI
MS_EVT
_2SMI
RI2_EVT
_2SMI
RI1_EVT
_2SMI
Reset
00000000
Bit
Description
7
PWBT_EVT_2SMI (Power Button Event to SMI Enable). Enables the Power button pressing event to generate
an SMI interrupt.
0: Disable SMI (default)
1: Enable SMI from Power button pressing event
6
SLBT_EVT_2SMI (Sleep Button Event to SMI Enable). Enables the Sleep button pressing event to generate
an SMI interrupt.
0: Disable SMI (default)
1: Enable SMI from Sleep button pressing event
5
KBD_EVT3_2SMI (Keyboard Event 3 to SMI Enable). Enables the “PM Key 3” (keyboard) key pressing event
to generate an SMI interrupt.
0: Disable SMI (default)
1: Enable SMI from pressing “PM Key 3” on the keyboard
4
KBD_EVT2_2SMI (Keyboard Event 2 to SMI Enable). Enables the “PM Key 2” (keyboard) key pressing event
to generate an SMI interrupt.
0: Disable SMI (default)
1: Enable SMI from pressing “PM Key 2” on the keyboard
3
KBD_EVT1_2SMI (Keyboard Event 1 to SMI Enable). Enables the event of pressing any keyboard key, key
sequence or “PM Key 1” to generate an SMI interrupt.
0: Disable SMI (default)
1: Enable SMI from pressing any key, key sequence or “PM Key 1” on the keyboard
2
MS_EVT_2SMI (Mouse Event to SMI Enable). Enables a mouse event, identified by the Keyboard/Mouse
Wake-up Detector, to generate an SMI interrupt.
0: Disable SMI (default)
1: Enable SMI from the mouse event identified by the Keyboard/Mouse Wake-up Detector
1
RI2_EVT_2SMI (RI2 Event to SMI Enable). Enables a telephone ring event received at the Serial Port 2,
identified by the RI Wake-up Detector, to generate an SMI interrupt.
0: Disable SMI (default)
1: Enable SMI from the telephone ring event received at the Serial Port 2
0
RI1_EVT_2SMI (RI1 Event to SMI Enable). Enables a telephone ring event received at the Serial Port 1,
identified by the RI Wake-up Detector, to generate an SMI interrupt.
0: Disable SMI (default)
1: Enable SMI from the telephone ring event received at the Serial Port 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com