Electronic Components Datasheet Search
  English  ▼

X  

PC87416 Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 181Page - National Semiconductor (TI) PC87416 Datasheet HTML 182Page - National Semiconductor (TI) PC87416 Datasheet HTML 183Page - National Semiconductor (TI) PC87416 Datasheet HTML 184Page - National Semiconductor (TI) PC87416 Datasheet HTML 185Page - National Semiconductor (TI) PC87416 Datasheet HTML 186Page - National Semiconductor (TI) PC87416 Datasheet HTML 187Page - National Semiconductor (TI) PC87416 Datasheet HTML 188Page - National Semiconductor (TI) PC87416 Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
185
www.national.com
9.3.8
SWC Fast Disable Register (SWCFDIS)
This register provides a fast way for the Power Management software to disable one or more modules without having to
access the Activate register of each module (see Section 3.3.1 on page 43). It is reset by hardware to 00h.
Power Well:VSB
Location: All Banks, Offset 06h
Type:
R/W
Bit
76
5
43210
Name
Reserved
KBDDIS
MSDIS
SER1DIS
SER2DIS
PARPDIS
FDCDIS
Reset
0
0
0
00000
Bit
Description
7-6
Reserved.
5
KBDDIS (Keyboard Controller Disable). When set to 1, this bit forces the Keyboard Controller module (Logical
Device 6) to be disabled (and its resources released) regardless of the actual setting of its Activation bit (index
30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
4
MSDIS (Mouse Controller Disable). When set to 1, this bit forces the Mouse Controller module (Logical Device
5) to be disabled (and its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
3
SER1DIS (Serial Port 1 Disable). When set to 1, this bit forces the Serial Port 1 module to be disabled (and its
resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
2
SER2DIS (Serial Port 2 Disable). When set to 1, this bit forces the Serial Port 2 module to be disabled (and its
resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
1
PARPDIS (Parallel Port Disable). When set to 1, this bit forces the Parallel Port module to be disabled (and its
resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled
0
FDCDIS (Floppy Disk Controller Disable). When set to 1, this bit forces the Floppy Disk Controller module to
be disabled (and its resources released) regardless of the actual setting of its Activation bit (index 30).
0: Enabled or Disabled, according to Activation bit (default)
1: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com