Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 10Page - Cirrus Logic CS98000 Datasheet HTML 11Page - Cirrus Logic CS98000 Datasheet HTML 12Page - Cirrus Logic CS98000 Datasheet HTML 13Page - Cirrus Logic CS98000 Datasheet HTML 14Page - Cirrus Logic CS98000 Datasheet HTML 15Page - Cirrus Logic CS98000 Datasheet HTML 16Page - Cirrus Logic CS98000 Datasheet HTML 17Page - Cirrus Logic CS98000 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
CS98000
14
1.2.7
Audio Output Interface
Symbol
Description
Min
Max
Units
taxch
AUD_XCLK High Time (AUD_XCLK is Input/Output)1, 2
1.Values are guaranteed by design only
2.Active clock edge is programmable. Timing is referenced from active edge
4.5
-
ns
taxcl
AUD_XCLK Low Time (AUD_XCLK is Input/Output)1, 2
4.5
-
ns
taxper
AUD_XCLK period (Input/Output)1, 2
13
ns
taoch
AUD_BCK High Time for Master mode1, 2
14
-
ns
taocl
AUD_BCK Low Time for Master mode1, 2
14
ns
taoper
AUD_BCK period (Output)1, 2
162.7
ns
tsdm
AUD_BCK delay from AUD_XCLK transition
-
2
ns
tsdm
AUD_BCK delay from AUD_XCLK transition
-
2
ns
tlrds
AUD_LRCK delay from AUD_BCK transition
-
2
ns
tadsm
AUD_D[3:0] delay from AUD_BCK transition
-
2
ns
Table 7. Audio Output Interface Symbols and Characterization Data
Figure 10. Audio Output Timing
AUD_BCK(Output)
AUD_XCLK(Input/Output)
t sdm
t axch
AUD_BCK(Output)
t aoch
AUD_DO[3:0] (Output)
AUD_LRCK(Output)
t lrds
t adsm
t axcl
t aocl
t axper
t aoperl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com