Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 12Page - Cirrus Logic CS98000 Datasheet HTML 13Page - Cirrus Logic CS98000 Datasheet HTML 14Page - Cirrus Logic CS98000 Datasheet HTML 15Page - Cirrus Logic CS98000 Datasheet HTML 16Page - Cirrus Logic CS98000 Datasheet HTML 17Page - Cirrus Logic CS98000 Datasheet HTML 18Page - Cirrus Logic CS98000 Datasheet HTML 19Page - Cirrus Logic CS98000 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
CS98000
16
1.2.9
Miscellaneous Interface Timing
Symbol
Description
Min
Typ
Max
Units
txccl
XTLCLOCK Rise Time
4.5
ns
txcch
XTLCLOCK Fall Time
4.5
ns
txccper
XTLCLOCK period1
1.XTLCLOCK must meet the requirement of external the video encoder for correct chroma.
14.8
18.5
22.2
ns
trstl
RESET_N Pulse Width
1000
ns
tgpl
GPIO PW Low
50
ns
tgpl
GPIO PW High
50
ns
XTLCLOCK/RESET_N Rising Time
5
ns
XTLCLOCK/RESET_N Falling Time
5
ns
Table 9. Miscellaneous Interface Symbols and Characterization Data
txccl
t xcch
RESET-N
tgph
tgpl
trstl
XTLCLOCK
GPIO
xccper
t
Figure 12. Miscellaneous Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com