Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 26Page - Cirrus Logic CS98000 Datasheet HTML 27Page - Cirrus Logic CS98000 Datasheet HTML 28Page - Cirrus Logic CS98000 Datasheet HTML 29Page - Cirrus Logic CS98000 Datasheet HTML 30Page - Cirrus Logic CS98000 Datasheet HTML 31Page - Cirrus Logic CS98000 Datasheet HTML 32Page - Cirrus Logic CS98000 Datasheet HTML 33Page - Cirrus Logic CS98000 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
CS98000
30
908
R/W
Video Input Scaler
VIS_EndX
90C
R/W
Video Input Scaler
VIS_StartY
910
R/W
Video Input Scaler
VIS_EndY
914
R/W
Video Input Scaler
VIS_Frame_Base
918
R/W
Video Input Scaler
VIS_U_Offset
91C
R/W
Video Input Scaler
VIS_V_Offset
920
R/W
Video Input Scaler
VIS_Frame_Size
A00
R/W
Picture-in-Picture
PIP_Control
A04
R/W
Picture-in-Picture
PIP_VidBrdStartX
A08
R/W
Picture-in-Picture
PIP_VidBrdEndX
A0C
R/W
Picture-in-Picture
PIP_VidBrdStartY
A10
R/W
Picture-in-Picture
PIP_VidBrdEndY
A14
R/W
Picture-in-Picture
PIP_BorderClr
A18
R/W
Picture-in-Picture
PIP_Vscale
A1C
R/W
Picture-in-Picture
PIP_Line_Offnum_Bot
A20
R/W
Picture-in-Picture
PIP_FrBaseY
A24
R/W
Picture-in-Picture
PIP_FrBaseU
A28
R/W
Picture-in-Picture
PIP_FrBaseV
A2C
R/W
Picture-in-Picture
PIP_Line_Width
A30
R/W
Picture-in-Picture
PIP_ Line_Offnum_Top
A34
R/W
Picture-in-Picture
PIP_Frame_Size
B00
R/W
Video Processor
Video_Processor_Control
B04
R/W
Video Processor
Video_DRAM_Line_Length
B08
R/W
Video Processor
Display_ActiveX
B0C
R/W
Video Processor
Display_ActiveY
B10
R/W
Video Processor
Blank_Color
B14
R/W
Video Processor
Internal_Hsync_Count
B18
R/W
Video Processor
Internal_Vsync_Count
B1C
R/W
Video Processor
Horizontal_Y_Offset
B20
R/W
Video Processor
Horizontal_UV_Offset
B24
R/W
Video Processor
Vertical_Offset
B28
R/W
Video Processor
Video_Line_Size
B2C
R/W
Video Processor
Frame_Buffer_Base
B30
R/W
Video Processor
Video_Line_Mode_Buffer
B34
R/W
Video Processor
Horizontal_Vertical_Filter
B38
R/W
Video Processor
Source_X_Offset
B3C
R/W
Video Processor
Horizontal_Video_Scaling
B40
R/W
Video Processor
Frame_V_Buffer_Compressed_Offset
B44
WO
Video Processor
Mb_Width
B48
WO
Video Processor
Anti-Flicker
B4C
WO
Video Processor
Anti-Flicker
Table 14. CS98000 Registers (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com