Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 38Page - Cirrus Logic CS98000 Datasheet HTML 39Page - Cirrus Logic CS98000 Datasheet HTML 40Page - Cirrus Logic CS98000 Datasheet HTML 41Page - Cirrus Logic CS98000 Datasheet HTML 42Page - Cirrus Logic CS98000 Datasheet HTML 43Page - Cirrus Logic CS98000 Datasheet HTML 44Page - Cirrus Logic CS98000 Datasheet HTML 45Page - Cirrus Logic CS98000 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
43
CS98000
6.8
AC97/CODEC Interface
This serial interface could be used either as a sec-
ond PCM CODEC interface or as an AC97 serial
link to an AC97 compliant CODEC. This interface
could control a modem, or a second set of audio
channels. Table 23 describes the pin to signal as-
signments for the AC97/CODEC Interface.
6.9
Host Master/ATAPI Interface
This 16-bit parallel host interface allows the
CS98000 to be a host master, controlling other de-
vices that would be used on the same system. See
Table 24. The interface supports programmable
protocols and speeds, including multiplexed and
non-multiplexed addressing. Slaves with different
protocols can be connected at the same time, con-
trolled by different chip selects.
Pin
Signal Name
Type
Description
142
CDC_DI
I
Serial Data Input from Modem CODEC
144
CDC_DO
O
Serial Data Output to Modem CODEC
146
CDC_RST
O
Reset Output to Modem CODEC
147
CDC_CK
I
Serial Bit Clock input from Modem CODEC
148
CDC_SY
B
Frame Sync, output when CS98000 is master, input when
CODEC is master.
Table 23. AC97/CODEC Interface
Pin
Signal Name
Type
Description
111, 115, 101,
106
H_CS[3..0]
O
Host Chip Select[3..0]. The host master can be pro-
grammed to use a different protocol for each of the 4 chip
selects
85
H_ALE
O
Host address latch enable. Used for modes which multiplex
upper address information onto the data lines
92
H_RD
O
Host Read Request.
93
H_WR
O
Host Write Request.
95
H_RDY
I
Host Ready. Connect to pull-up or pull-down if host is not
used.
120
H_CKO
O
Host clock out, required for some synchronous slaves
102, 107, 97, 99,
100
H_A[4..0]
O
Host Address[4..0].
109, 110, 112,
113, 114, 116,
117, 118, 121,
122, 123, 125,
127, 130, 132,
134
H_D[15..0]
B
Host Data Bus[15..0]. These pins can also output Host
Address during the address phase for multiplexed
address/data mode. Tie together to pull-up or pull-down if
host is not used.
Table 24. Host Master/ATAPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com