Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 38Page - Cirrus Logic CS98000 Datasheet HTML 39Page - Cirrus Logic CS98000 Datasheet HTML 40Page - Cirrus Logic CS98000 Datasheet HTML 41Page - Cirrus Logic CS98000 Datasheet HTML 42Page - Cirrus Logic CS98000 Datasheet HTML 43Page - Cirrus Logic CS98000 Datasheet HTML 44Page - Cirrus Logic CS98000 Datasheet HTML 45Page - Cirrus Logic CS98000 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
CS98000
42
6.6
Video Input Interface
The CS98000 supports CCIR-601, CIF, and QCIF
video input format thought this interface. See
Table 21.
6.7
Audio Output/Input Interface
This is the audio PCM interface that connects to an
audio CODEC. See Table 22. The sample rate and
the size of the samples are programmable for both
input and output direction.
Pin
Signal Name
Type
Description
145
VIN_CLK
I
Video Input Clock.
153
VIN_VSNC
I
Video Input Vertical Sync.
160
VIN_HSNC
I
Video Input Horizontal Sync.
207
VIN_FLD
I
Video Input Field.
198, 193, 189,
184, 179, 175,
168, 164
VIN_D [7..0]
I
Video Data Input[7..0] in Cb,Y,Cr,Y format.
Table 21. Video Input Interface
Pin
Signal Name
Type
Description
191
AUD_XCLK
B
Audio 256x/384x Clock input or output to Serial DAC. When
output, is generated from CS98000 internal PLL.
124
AUD_BCK
O
Audio Bit Clock output to serial DAC.
128
AUD_LRCK
O
Audio Out Left/Right Clock to serial DAC.
135
AUD_DO_0
O
Audio Serial Data Out[0].
136
AUD_DO_1
O
Audio Serial Data Out[1].
133
AUD_DO_2
O
Audio Serial Data Out[2].
177
AUD_DO_3
O
Audio Serial Data Out[3].
204
SPDIF_O
O
S/PDIF Output
137
AIN_BCK
I
Audio Input Bit Clock. The CS98000 can be programmed to
use the Audio Output function’s internally generated bit
clock, in which case this pin is not required.
139
AIN_LRCK
I
Audio Input Left/Right Clock. The CS98000 can be pro-
grammed to use the Audio Output function’s internally gen-
erated LR clock, in which case this pin is not required.
140
AIN_DATA
I
Audio Input Data from Serial ADC.
Table 22. Audio Input/Output Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com