Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 36Page - Cirrus Logic CS98000 Datasheet HTML 37Page - Cirrus Logic CS98000 Datasheet HTML 38Page - Cirrus Logic CS98000 Datasheet HTML 39Page - Cirrus Logic CS98000 Datasheet HTML 40Page - Cirrus Logic CS98000 Datasheet HTML 41Page - Cirrus Logic CS98000 Datasheet HTML 42Page - Cirrus Logic CS98000 Datasheet HTML 43Page - Cirrus Logic CS98000 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
CS98000
40
6.2
Miscellaneous Interface Pins
These pins are used for used for basic functions
such as clock and reset input. See Table 17. The
I2C pins are used for both master and slave mode
(8-bit slave address is 0x30 for write, and 0x31 for
read).
6.3
SDRAM Interface
These pins are used to interface the CS98000 with
some external SDRAM. The CS98000 can inter-
face with SDRAM of various sizes. Both 16 and
32-bit data width is supported, but best perfor-
mance is achieved with 32 bits. Follow the instruc-
tions in Table 18 on how to interface with any
particular configuration of SDRAM.
Pin
Signal Name
Type
Description
186
SCL
B
I2C Clock
187
SDA
B
I2C Data
201
IR_IN
I
Infrared Input, from IR receiver.
202
XTLCLOCK
I
27 MHz Clock Input.
205
RESET_N
I
Reset Input, active low.
206
MFG_TEST
I
Manufacturing test pin, should always connect to ground.
Table 17. Miscellaneous Interface Pins
Pin
Signal Name
Type
Description
87, 83, 79, 76,
74, 71, 68, 64,
67, 70, 72, 75,
78, 80, 86, 88,
60, 56, 54, 49,
46, 44, 40, 33,
37, 42, 45, 48,
51, 55, 59. 62
M_D[31..0]
B
Memory Data Bus. CS98000 can use all 32 bits or can use
only M_D[15..0], in which case M_D[31..16] can be left un-con-
nected.
2, 3, 5, 6, 7, 9,
10, 11, 13, 14,
15, 16
M_A[11..0]
O
Memory Address Bus. Connect in order starting with M_A[0] to
all RAM address pins not already connected to M_BS_L or
M_AP. Unused upper M_A pins unconnected.
19
M_CKO
O
Memory Clock
22
M_CKE
O
Memory Clock Enable
21
M_BS_N
O
Bank Selection. Always connect to RAM BS or BS0 pin.
23
M_AP
O
Memory Auto Pre-charge. Always connect to RAM AP pin.
24
M_RAS_N
O
Memory Row Address Strobe
25
M_CAS_N
O
Memory Column Address Strobe
27
M_WE_N
O
Memory Write Enable
32, 31, 29, 28
M_DQM[3..0]
O
IO Mask of Data Bus M_DQM[3] -> M_D[31:24]
Table 18. SDRAM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com