Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 30Page - Cirrus Logic CS98000 Datasheet HTML 31Page - Cirrus Logic CS98000 Datasheet HTML 32Page - Cirrus Logic CS98000 Datasheet HTML 33Page - Cirrus Logic CS98000 Datasheet HTML 34Page - Cirrus Logic CS98000 Datasheet HTML 35Page - Cirrus Logic CS98000 Datasheet HTML 36Page - Cirrus Logic CS98000 Datasheet HTML 37Page - Cirrus Logic CS98000 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
CS98000
34
6.1
Pin Assignments
Table 16 lists the pin number, pin name, and pin
type for the 208 pin CS98000 package. The prima-
ry function and pin direction is shown for all signal
pins. For some signal pins, a secondary function
and direction are also shown. For pins having more
than one function, the primary function is chosen
when the chip is reset.
Pin
Name
Type
Primary Function
Dir
Secondary Function
Dir
Note
1
VDD_PLL
Pwr
PLL Power 2.5V
I
2
M_A_11
O8
SDRAM Address[11]
O
ROM/NVRAM Address[11]
O
3
M_A_10
O8
SDRAM Address[10]
O
ROM/NVRAM Address[10]
O
4
GPIO_D18
B4U
GenioDVD[18]
B
System Clock PLL Bypass
I
5
M_A_9
O8
SDRAM Address[9]
O
ROM/NVRAM Address[9]
O
6
M_A_8
O8
SDRAM Address[8]
O
ROM/NVRAM Address8]
O
7
M_A_7
O8
SDRAM Address[7]
O
ROM/NVRAM Address[7]
O
8
GPIO_D16
B4SU
GenioDVD[16]
B
9
M_A_6
O8
SDRAM Address[6]
O
ROM/NVRAM Address[6]
O
10
M_A_5
O8
SDRAM Address[5]
O
ROM/NVRAM Address[5]
O
11
M_A_4
O8
SDRAM Address[4]
O
ROM/NVRAM Address[4]
O
12
GPIO_D17
B4U
GenioDVD[17]
B
13
M_A_3
O8
SDRAM Address[3]
O
ROM/NVRAM Address[3]
O
14
M_A_2
O8
SDRAM Address[2]
O
ROM/NVRAM Address[2]
O
15
M_A_1
O8
SDRAM Address[1]
O
ROM/NVRAM Address[1]
O
16
M_A_0
O8
SDRAM Address[0]
O
ROM/NVRAM Address[0]
O
17
GPIO_D19
B4U
GenioDVD[19]
B
Memory Clock PLL Bypass
I
18
VSS_IO
Gnd
I/O Ground
I
19
M_CKO
O8
SDRAM Clock
O
20
VDD_IO
Pwr
I/O Power 3.3V
I
21
M_BS_N
O8
SDRAM Bank Select
O
22
M_CKE
B8
SDRAM Clock Enable
O
GenioMis(7)
B
23
M_AP
O8
SDRAM Auto Pre-charge
O
24
M_RAS_N
O8
SDRAM Row Strobe
O
25
M_CAS_N
O8
SDRAM Column Strobe
O
26
GPIO_D20
B4U
GenioDVD[20]
B
27
M_WE_N
O8
SDRAM Write Enable
O
28
M_DQM_0
O8
SDRAM DQM[0]
O
29
M_DQM_1
O8
SDRAM DQM[1]
O
30
GPIO_D0
B4U
GenioDVD[0]
B
31
M_DQM_2
O8
SDRAM DQM[2]
O
32
M_DQM_3
O8
SDRAM DQM[3]
O
33
M_D_8
B8U
SDRAM Data[8]
B
ROM/NVRAM Data[8]
B
34
GPIO_D1
B4U
GenioDVD[1]
B
Table 16. 208-Pin Package Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com