Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 31Page - Cirrus Logic CS98000 Datasheet HTML 32Page - Cirrus Logic CS98000 Datasheet HTML 33Page - Cirrus Logic CS98000 Datasheet HTML 34Page - Cirrus Logic CS98000 Datasheet HTML 35Page - Cirrus Logic CS98000 Datasheet HTML 36Page - Cirrus Logic CS98000 Datasheet HTML 37Page - Cirrus Logic CS98000 Datasheet HTML 38Page - Cirrus Logic CS98000 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
35
CS98000
35
VSS_IO
Gnd
I/O Ground
I
36
VSS_CORE
Gnd
Core Ground
I
37
M_D_7
B8U
SDRAM Data[7]
B
ROM/NVRAM Data[7]
B
38
VDD_IO
Pwr
I/O Power 3.3V
I
39
GPIO_D2
B4U
GenioDVD[2]
B
40
M_D_9
B8U
SDRAM Data[9]
B
ROM/NVRAM Data[9]
B
41
VDD_CORE
Pwr
Core Power 2.5V
I
42
M_D_6
B8U
SDRAM Data[6]
B
ROM/NVRAM Data[6]
B
43
GPIO_D3
B4U
GenioDVD[3]
B
44
M_D_10
B8U
SDRAM Data[10]
B
ROM/NVRAM Data[10]
B
45
M_D_5
B8U
SDRAM Data[5]
B
ROM/NVRAM Data[5]
B
46
M_D_11
B8U
SDRAM Data[11]
B
ROM/NVRAM Data[11]
B
47
GPIO_D4
B4U
GenioDVD[4]
B
48
M_D_4
B8U
SDRAM Data[4]
B
ROM/NVRAM Data[4]
B
49
M_D_12
B8U
SDRAM Data[12]
B
ROM/NVRAM Data[12]
B
50
GPIO_D5
B4U
GenioDVD[5]
B
51
M_D_3
B8U
SDRAM Data[3]
B
ROM/NVRAM Data[3]
B
52
UNUSED
may leave unconnected
53
UNUSED
may leave unconnected
54
M_D_13
B8U
SDRAM Data[13]
B
ROM/NVRAM Data[13]
B
55
M_D_2
B8U
SDRAM Data[2]
B
ROM/NVRAM Data[2]
B
56
M_D_14
B8U
SDRAM Data[14]
B
ROM/NVRAM Data[14]
B
57
GPIO_D6
B4U
GenioDVD[6]
B
58
VSS_IO
Gnd
I/O Ground
I
59
M_D_1
B8U
SDRAM Data[1]
B
ROM/NVRAM Data[1]
B
60
M_D_15
B8U
SDRAM Data[15]
B
ROM/NVRAM Data[15]
B
61
GPIO_D7
B4U
GenioDVD[7]
I
B
62
M_D_0
B8U
SDRAM Data[0]
B
ROM/NVRAM Data[0]
B
63
VSS_CORE
Gnd
Core Ground
I
64
M_D_24
B8U
SDRAM Data[24]
B
ROM/NVRAM Address[20]
O
65
GPIO_D11
B4U
GenioDVD[11]
B
66
VDD_CORE
Pwr
Core Power 2.5V
I
67
M_D_23
B8U
SDRAM Data[23]
B
ROM/NVRAM Address[19]
O
68
M_D_25
B8U
SDRAM Data[23]
B
ROM/NVRAM Address[21]
O
69
GPIO_D10
B4U
GenioDVD[10]
B
70
M_D_22
B8U
SDRAM Data[22]
B
ROM/NVRAM Address[18]
O
71
M_D_26
B8U
SDRAM Data[26]
B
ROM/NVRAM Address[22]
O
72
M_D_21
B8U
SDRAM Data[21]
B
ROM/NVRAM Address[17]
O
73
GPIO_D9
B4U
GenioDVD[9]
B
74
M_D_27
B8U
SDRAM Data[27]
B
ROM/NVRAM Address[23]
O
Pin
Name
Type
Primary Function
Dir
Secondary Function
Dir
Note
Table 16. 208-Pin Package Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com