Electronic Components Datasheet Search
  English  ▼

X  

CS98000 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS98000
Description  DVD On-a-Chip Solution
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98000 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS98000 Datasheet HTML 18Page - Cirrus Logic CS98000 Datasheet HTML 19Page - Cirrus Logic CS98000 Datasheet HTML 20Page - Cirrus Logic CS98000 Datasheet HTML 21Page - Cirrus Logic CS98000 Datasheet HTML 22Page - Cirrus Logic CS98000 Datasheet HTML 23Page - Cirrus Logic CS98000 Datasheet HTML 24Page - Cirrus Logic CS98000 Datasheet HTML 25Page - Cirrus Logic CS98000 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
CS98000
22
wide range of protocols from an audio ADC or an
IEC-958 receiver.
3.11
Soft Modem
The soft modem processing is handled by one of
the RISC processors, which is typically dedicated
for that function. Data rates up to 56 Kbits (V.90
protocol) are supported. The CS98000 interfaces to
a simple external CODEC/DAA circuit using a
flexible serial interface. The serial interface is a ful-
ly programmable, bi-directional interface and can
be used either as a PCM interface or as an AC97 in-
terface. In PCM mode, the sample size could be ad-
justed to 20, 18 or 16 bits to match common DAC
and ADC formats, or any other specific size. In
AC97 mode, any slot can be used to interface either
a modem CODEC or an audio CODEC.
3.12
Video
The Digital Video Interface provides flexible and
powerful means of outputting digital video data to
external devices in CCIR601/3 and CCIR656 for-
mats. The interface directly supports NTSC/PAL
video encoding, in both master and slave synchro-
nization configurations. The internal frame buffer
format could be 4:2:0, 4:2:2, YUV655, RGB565
and RGB555. Cirrus Logic provides some easy-to-
use utilities in order to get the best advantage of the
powerful
video
filtering
capabilities
of
the
CS98000.
The
CS98000
also
features
an
NTSC/PAL video decoder input interface. The in-
terface accepts CCIR601, CIF, and QCIF formats,
out of many TV decoders on the market. The video
processor also allows overlay of multiple video
planes
(main
video
/
video
input
/
picture_in_picture / on_screen display / cursor).
CS98000 has been proven to work with many TV
encoders on the market with brands such as: Crys-
tal, Brooktree, ADI, and AVS.
The Video Input Scaler (VIS) module inputs 8-bit
digital video data from a camera or PAL/NTSC de-
coder, optionally down-scales to SIF or QSIF, and
stores the data in one to three DRAM frame buff-
ers. The scaled image, with a border, can be over-
laid anywhere on the screen into a ½ or ¼-screen
sized window by the Picture in Picture (PIP) mod-
ule.
An alternate method of using the Video Input func-
tion is to input a full sized picture and present it on
the screen full size (bypass mode). In this mode, the
PIP module can place full motion DVD images in
the small window. An internal glitch-free mux can
switch the video processor clock source from the
internal clock to the Video Input clock, allowing
the PIP mode to switch back and forth on the fly,
with no dropout.
4. MEMORY MAP
4.1
Processor Memory Map
The CS98000 externally supports up to 32 Mbytes
DRAM and 16 Mbytes ROM/NVRAM. Table 10,
Table 11 and Table 12 on the next page list the
memory map as viewed by the RISC processors,
and identifies whether each segment is mapped or
cacheable.
For
detailed
information
on
programming
CS98000 memory, see CS98000 Memory Interface
User’s Manual (DS525UMD1).
4.2
Host Port Memory Map
Table 11 on page 23 lists the memory map as
viewed by host slave port.
4.3
Internal I/O Space Map
Table 10, Table 11, and Table 12 show how the In-
ternal I/O space is mapped between general regis-
ters,
internal
SRAM
ports,
and
the
RISC
processors’ debug port.
Processor Byte Address
Description
Cacheable
Table 10. Memory Map-RISC0 Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com