Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 44 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6635 Datasheet HTML 40Page - Analog Devices AD6635 Datasheet HTML 41Page - Analog Devices AD6635 Datasheet HTML 42Page - Analog Devices AD6635 Datasheet HTML 43Page - Analog Devices AD6635 Datasheet HTML 44Page - Analog Devices AD6635 Datasheet HTML 45Page - Analog Devices AD6635 Datasheet HTML 46Page - Analog Devices AD6635 Datasheet HTML 47Page - Analog Devices AD6635 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
REV. 0
–44–
AD6635
Table XI. Channel Memory Map (continued)
Channel Address
Register
Bit Width
Comments
A5
BIST Signature for I path
16
BIST-I
A6
BIST Signature for Q path
16
BIST-Q
A7
# of BIST outputs to accumulate
20
19–0: # of outputs (Counter Value Read)
A8
RAM BIST Control Register
3
2: D-RAM Fail/Pass
1: C-RAM Fail/Pass
0: RAM BIST Enable
A9
Output Control Register
9: Map RCF Data to BIST Registers
5: Output Format
1: 16-bit I and 16-bit Q
0: 12-bit I and 12-bit Q
0x90: rCIC2 Decimation – 1 (MrCIC2 – 1)
This register is used to set the decimation in the rCIC2 filter.
The value written to this register is the decimation minus 1. The
rCIC2 decimation can range from 1 to 4096, depending upon
the interpolation of the channel. The decimation must always be
greater than the interpolation. MrCIC2 must be chosen larger
than LrCIC2 and both must be chosen such that a suitable rCIC2
scalar can be chosen. For more details, see the Second-Order
rCIC2 Filter section.
0x91: rCIC2 Interpolation – 1 (LrCIC2-1)
This register is used to set the interpolation in the rCIC2 filter.
The value written to this register is the interpolation minus 1.
The rCIC2 interpolation can range from 1 to 512, depending
upon the decimation of the rCIC2. There is no timing error
associated with this interpolation. For more details, see the
Second-Order rCIC2 Filter section.
0x92: rCIC2 Scale
The rCIC2 scale register is used to provide attenuation to com-
pensate for the gain of the rCIC2, and to adjust the linearization
of the data from the floating-point input. The use of this scale
register is influenced both by the rCIC2 growth and floating-
point input port considerations. For more details, see the
Second-Order rCIC2 Filter section.
The rCIC2 scalar has been combined with the exponent offset
and will need to be handled appropriately in both the input port
and rCIC2 sections.
Bit 11 determines the polarity of the exponent. Normally, this
bit will be cleared unless an ADC such as the AD6600 is used,
in which case this bit will be set.
Bit 10 determines the weight of the exponent word associated
with the input port. When this bit is low, each exponent step is
considered to be worth 6.02 dB. When this bit is high, each
exponent step is considered to be worth 12.02 dB.
Bits 9–5 are the actual scale value used when the level indicator
(LI) pin associated with this channel is active.
Bits 4–0 are the actual scale value used when the level indicator
(LI) pin associated with this channel is active.
0x93:
Reserved. (Must be written low.)
0x94: CIC5 Decimation – 1 (MCIC5 – 1)
This register is used to set the decimation in the CIC5 filter.
The value written to this register is the decimation minus 1.
Although this is an 8-bit register, the decimation is usually lim-
ited between 1 and 32. Decimations higher than 32 require
more scaling than the CIC5 is capable of.
0x95: CIC5 Scale
The CIC5 scale factor is used to compensate for the growth of
the CIC5 filter. Consult the Fifth-Order CIC5 filter section
for details.
0x96:
Reserved. (Must be written low.)
0xA0: RCF Decimation – 1 (MRCF – 1)
This register is used to set the decimation of the RCF stage. The
value written is the decimation minus 1. Although this is an
8-bit register that allows decimation up to 256, for most fil-
tering scenarios the decimation should be limited between 1 and
32. Higher decimations are allowed, but the alias protection of
the RCF may not be acceptable for some applications.
0xA1: RCF Decimation Phase (PRCF)
This register allows any one of the MRCF phases of the filter to
be used, and can be adjusted dynamically. Each time a filter is
started, this phase is updated. When a channel is synchronized,
it will retain the phase setting chosen here. This can be used as
part of a timing recovery loop with an external processor, or can
allow multiple RCFs to work together while using a single RCF
pair. Consult the RAM Coefficient Filter (RCF) section for
further details.
0xA2: RCF Number of Taps Minus 1 (NRCF – 1)
The number of taps for the RCF filter minus 1 is written here.
0xA3: RCF Coefficient Offset (CORCF)
This register is used to specify which section of the 256-word
coefficient memory is used for a filter. It can be used to select
between multiple filters that are loaded into memory and refer-
enced by this pointer. This register is shadowed and the filter
pointer is updated every time a new filter is started. This allows
the coefficient offset to be written even while a filter is being
computed without disturbing operation. The next sample that
comes out of the RCF will be with the new filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com