Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 14 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6635 Datasheet HTML 10Page - Analog Devices AD6635 Datasheet HTML 11Page - Analog Devices AD6635 Datasheet HTML 12Page - Analog Devices AD6635 Datasheet HTML 13Page - Analog Devices AD6635 Datasheet HTML 14Page - Analog Devices AD6635 Datasheet HTML 15Page - Analog Devices AD6635 Datasheet HTML 16Page - Analog Devices AD6635 Datasheet HTML 17Page - Analog Devices AD6635 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
REV. 0
–14–
AD6635
PIN FUNCTION DESCRIPTION
Name
Type
Function
POWER SUPPLY
VDD
P
2.5 V Core Supply (also called DVCORE)
VDDIO
P
3.3 V IO Supply (also called DVRING)
GND
G
Ground
INPUTS
INA[13:0]
1
IA Input Data (Mantissa)
EXPA[2:0]
1
IA Input Data (Exponent)
IENA
2
I
Input Enable—Input A
INB[13:0]
1
IB Input Data (Mantissa)
EXPB[2:0]
1
IB Input Data (Exponent)
IENB
2
I
Input Enable—Input B
INC[13:0]
1
IC Input Data (Mantissa)
EXPC[2:0]
1
IC Input Data (Exponent)
IENC
2
I
Input Enable—Input C
IND[13:0]
1
ID Input Data (Mantissa)
EXPD[2:0]
1
ID Input Data (Exponent)
IEND
2
I
Input Enable—Input D
RESET
IActive Low Reset Pin
CLK0
I
Input Clock 0 (Master Clock for Channels 0–3 and Ports A, B)
CLK1
I
Input Clock 1 (Master Clock for Channels 4–7 and Ports C, D)
PCLK0
I/O
Link/Parallel Port Clock for Output Ports A and B
PCLK1
I/O
Link/Parallel Port Clock for Output Ports C and D
LACLKIN
I
Link Port A Data Ready
LBCLKIN
I
Link Port B Data Ready
LCCLKIN
I
Link Port C Data Ready
LDCLKIN
I
Link Port D Data Ready
SYNCA
1
IAll Sync Pins Go to All Eight Channels
SYNCB
1
IAll Sync Pins Go to All Eight Channels
SYNCC
1
IAll Sync Pins Go to All Eight Channels
SYNCD
1
IAll Sync Pins Go to All Eight Channels
CHIP0_ID[2:0]
1
IChip ID Selector for Channels 0–3 and Ports A, B
CHIP1_ID[2:0]
1
IChip ID Selector for Channels 4–7 and Ports C, D
CONTROL
PAACK
I
Parallel Port A Acknowledge
PAREQ
O
Parallel Port A Request
PBACK
I
Parallel Port B Acknowledge
PBREQ
O
Parallel Port B Request
PCACK
I
Parallel Port C Acknowledge
PCREQ
O
Parallel Port C Request
PDACK
I
Parallel Port D Acknowledge
PDREQ
O
Parallel Port D Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com