Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 38 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6635 Datasheet HTML 34Page - Analog Devices AD6635 Datasheet HTML 35Page - Analog Devices AD6635 Datasheet HTML 36Page - Analog Devices AD6635 Datasheet HTML 37Page - Analog Devices AD6635 Datasheet HTML 38Page - Analog Devices AD6635 Datasheet HTML 39Page - Analog Devices AD6635 Datasheet HTML 40Page - Analog Devices AD6635 Datasheet HTML 41Page - Analog Devices AD6635 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
REV. 0
–38–
AD6635
LINK PORT A CLOCK OUT
LINK PORT A CLOCK IN
2
LINK PORT A DATA
OR 8 LSBs OF
PARALLEL PORT A
DATA (SHARED PINS)
PCLKO
PARALLEL PORT A
MSB DATA
PARALLEL PORT A ACK
PARALLEL PORT A REQ
PARALLEL PORT A
I AND Q INDICATOR
PORT A
AD6635
ABOVE PINS SHARED
WITH PARALLEL PORT A
CHANNEL INDICATOR
8
8
Figure 34. Data Routing for Output Port A
Parallel port configuration is specified by accessing Port Control
register addresses 0x1A and 0x1C. Port clock Master/Slave
mode (described later) is configured using the Port Clock Con-
trol register at address 0x1E. It should be noted that Output
Ports A and B have a separate clock (PCLK0) from Output
Ports C and D (PCLK1). Note that to access these registers,
Bit 5 (Access Port Control registers) of external address 3
(SLEEP register) must be set. The address is then selected by
programming the CAR register at external address 6.
The parallel ports are enabled by setting Bit 7 of the Link Con-
trol registers at addresses 0x1B and 0x1D.
Each parallel port is capable of operating in either Channel
mode or AGC mode. Each mode is described in detail below.
Channel Mode
Parallel port Channel mode is selected by setting Bit 0 of addresses
0x1A and 0x1B. In Channel mode, I and Q words from each
channel are directed to the parallel port, bypassing the interleaver,
the interpolating half-band filter, and AGC. The specific chan-
nels output by the port are selected by setting Bits 1–4 of the
Input Port Control register 0x1A and 0x1C. Each Channel
0–3 can be independently output on either Port A, Port B, or
both. Similarly, each Channel 4–7 can be independently output
on either Port C, Port D, or both.
Channel mode provides two data formats. Each format requires
a different number of parallel port clock (PCLK) cycles to com-
plete the transfer of data. In each case, each data element is
transferred during one PCLK cycle. See Figures 35 and 36,
which present Channel mode parallel port timing.
tDPCH
tDPIQ
tDPP
PCLKn
PxACK
PxREQ
tDPREQ
Px[15:0]
I[15:0]
Q[15:0]
PxlQ
PxCH[1:0]
PxCH[1:0] = CHANNEL NO.
Figure 35. Channel Mode Interleaved Format (16-bit I/Q)
tDPREQ
tDPCH
tDPIQ
tDPP
PCLKn
PxREQ
PxlQ
PxCH[1:0]
PxCH[1:0] =
CHANNEL NO.
Px[15:0]
I[15:8]; Q[7:0]
PxACK
Figure 36. Channel Mode 8I/8Q Parallel Format
The 16-bit interleaved format provides I and Q data for each
output sample on back-to-back PCLK cycles. Both I and Q
words consist of the full port width of 16 bits. Data output is
triggered on the rising edge of PCLK when both REQ and ACK
are asserted. I data is output during the first PCLK cycle, and
the PxIQ output indicator pins are set high to indicate that I
data is on the bus. Q data is output during the subsequent
PCLK cycle, and the PxIQ output indicator pins are low during
this cycle.
The 8-bit concurrent format provides 8 bits of I data and 8 bits
of Q data simultaneously during one PCLK cycle, also triggered
on the rising edge of PCLK. The I byte occupies the most sig-
nificant byte of the port, while the Q byte occupies the least
significant byte. The PxIQ (where x = A, B, C, or D) output
indicator pins are set high during the PCLK cycle. Note that if
data from multiple channels are output consecutively, the PxIQ
output indicator pins will remain high until data from all chan-
nels has been output. It should be noted that output Ports
(either parallel or link) A and B can output data only from
Channels 0–3, and similarly, Output Ports C and D can output
data only from Channels 4–7.
The PACH[1:0] and PBCH[1:0] pins provide a 2-bit binary
value indicating the source channel of the data currently being
output. This value will convey the channel numbers 0 to 3.
Similarly PCCH[1:0] and PDCH[1:0] pins provide a 2-bit
binary value indicating the source channel of the data currently
being output, the channels being 4 to 7. Binary value 00 indi-
cates Channel 4, and value 11 indicates Channel 7.
Care should be taken to read data from the port as soon as
possible. If not, the sample will be overwritten when the next
new data sample arrives. This occurs on a per channel basis;
i.e., a Channel 0 sample will only be overwritten by a new
Channel 0 sample, and so on.
The order of data output is dependent on when data arrived at
the port, which is a function of total decimation rate, Start
Holdoff values, and so on. Priority order is, from highest to
lowest, Channels 0, 1, 2, and 3, and similarly on Ports C and D
it is Channels 4, 5, 6, and 7.
AGC Mode
Parallel port channel mode is selected by clearing Bit 0 of
addresses 0x1A and 0x1C. I and Q data output in AGC mode
are output from the AGC, not the individual channels. Parallel
Ports A and B can provide data from either AGC A, AGC B, or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com