Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 30 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD6635 Datasheet HTML 26Page - Analog Devices AD6635 Datasheet HTML 27Page - Analog Devices AD6635 Datasheet HTML 28Page - Analog Devices AD6635 Datasheet HTML 29Page - Analog Devices AD6635 Datasheet HTML 30Page - Analog Devices AD6635 Datasheet HTML 31Page - Analog Devices AD6635 Datasheet HTML 32Page - Analog Devices AD6635 Datasheet HTML 33Page - Analog Devices AD6635 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
REV. 0
–30–
AD6635
Table IV. SSB CIC5 Alias Rejection Table (fSAMP2 = 1).
Bandwidths are given as percentage of fSAMP2.
MCIC5
–50 dB –60 dB –70 dB –80 dB
–90 dB –100 dB
2
10.227 8.078
6.393
5.066
4.008
3.183
3
7.924
6.367
5.110
4.107
3.297
2.642
4
6.213
5.022
4.057
3.271
2.636
2.121
5
5.068
4.107
3.326
2.687
2.170
1.748
6
4.267
3.463
2.808
2.270
1.836
1.480
7
3.680
2.989
2.425
1.962
1.588
1.281
8
3.233
2.627
2.133
1.726
1.397
1.128
9
2.881
2.342
1.902
1.540
1.247
1.007
10
2.598
2.113
1.716
1.390
1.125
0.909
11
2.365
1.924
1.563
1.266
1.025
0.828
12
2.170
1.765
1.435
1.162
0.941
0.760
13
2.005
1.631
1.326
1.074
0.870
0.703
14
1.863
1.516
1.232
0.998
0.809
0.653
15
1.740
1.416
1.151
0.932
0.755
0.610
16
1.632
1.328
1.079
0.874
0.708
0.572
17
1.536
1.250
1.016
0.823
0.667
0.539
18
1.451
1.181
0.960
0.778
0.630
0.509
19
1.375
1.119
0.910
0.737
0.597
0.483
20
1.307
1.064
0.865
0.701
0.568
0.459
21
1.245
1.013
0.824
0.667
0.541
0.437
22
1.188
0.967
0.786
0.637
0.516
0.417
23
1.137
0.925
0.752
0.610
0.494
0.399
24
1.090
0.887
0.721
0.584
0.474
0.383
25
1.046
0.852
0.692
0.561
0.455
0.367
26
1.006
0.819
0.666
0.540
0.437
0.353
27
0.969
0.789
0.641
0.520
0.421
0.340
28
0.934
0.761
0.618
0.501
0.406
0.328
29
0.902
0.734
0.597
0.484
0.392
0.317
30
0.872
0.710
0.577
0.468
0.379
0.306
31
0.844
0.687
0.559
0.453
0.367
0.297
32
0.818
0.666
0.541
0.439
0.355
0.287
RAM COEFFICIENT FILTER
The final signal processing stage for each individual channel is a
sum-of-products decimating filter with programmable coeffi-
cients. A simplified block diagram is shown below. The data
memories I-RAM and Q-RAM store the 160 most recent com-
plex samples from the previous filter stage with 20-bit resolution.
The coefficient memory, CMEM, stores up to 256 coefficients
with 20-bit resolution. On every CLK cycle, one tap for I and
one tap for Q are calculated using the same coefficients. The
RCF output consists of 24-bit data.
160
20B
I-RAM
IIN
IOUT
256
20B
C-RAM
160
20B
Q-RAM
QIN
QOUT
Figure 30. RAM Coefficient Filter (RCF) Block Diagram
RCF Decimation Register
Each RCF channel can be used to decimate the data rate. The
decimation register is an 8-bit register and can decimate from
1 to 256. The RCF decimation is stored in 0xA0 in the form of
MRCF – 1. The input rate to the RCF is fSAMP5.
RCF Decimation Phase
The RCF decimation phase can be used to synchronize multiple
filters within a chip. This is useful when using multiple channels
within the AD6635 to implement a polyphase filter allowing the
resources of several RCF filters to be paralleled. In such an
application, two RCF filters would be processing the same data
from the CIC5. However, each filter will be delayed by one half
the decimation rate, thus creating a 180
∞ phase difference between
the two halves.
The AD6635 filter channel uses the value stored in this register
to preload the RCF counter. Therefore, instead of starting from
0 (coefficient number 0), the counter is loaded with
Counter
decimation phase
Number of channels used
f
RCF decimationin each channel
f
CLK
RCF
=
¥¥
¥
thus creating an offset in the processing that should be equiva-
lent to the required processing delay. The number of channels
or RCFs used to process one carrier is used in the above equa-
tion. fCLK is the input clock rate to the AD6635 and fRCF is the
input sample rate to the RCF from the CIC5 stage. This data is
stored in 0xA1 as an 8-bit number. The RCF decimation phase
can be used only when the ratio of RCF decimation and num-
ber of RCFs used is an integer.
RCF Filter Length
The maximum number of taps this filter can calculate, NTAPS, is
given by the equation below. The value NTAPS – 1 is written to
the Channel register within the AD6635 at address 0xA2.
N
fM
f
TAPS
CLK
RCF
SAMP
£
¥
Ê
ËÁ
ˆ
¯˜
min
,
5
160
The function “min” used above gives the minimum of all the
expressions inside the parenthesis.
The RCF coefficients are located in addresses 0x00 to 0x7F and
are interpreted as 20-bit twos complement numbers. When
writing the coefficient RAM, the lower addresses will be multi-
plied by relatively older data from the CIC5 and the higher
coefficient addresses will be multiplied by relatively newer data
from the CIC5. The coefficients need not be symmetric and the
coefficient length, NTAPS, may be even or odd. If the coefficients
are symmetric, then both sides of the impulse response must be
written into the coefficient RAM.
Although the base memory for coefficients is only 128 words
long, the actual length is 256 words long. There are two pages,
each 128 words long. The page is selected by Bit 8 of 0xA4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com