Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 8 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6635 Datasheet HTML 4Page - Analog Devices AD6635 Datasheet HTML 5Page - Analog Devices AD6635 Datasheet HTML 6Page - Analog Devices AD6635 Datasheet HTML 7Page - Analog Devices AD6635 Datasheet HTML 8Page - Analog Devices AD6635 Datasheet HTML 9Page - Analog Devices AD6635 Datasheet HTML 10Page - Analog Devices AD6635 Datasheet HTML 11Page - Analog Devices AD6635 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
REV. 0
–8–
AD6635
SPECIFICATIONS (continued)
GENERAL TIMING CHARACTERISTICS1, 2
Test
AD6635BB
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
CLKn TIMING REQUIREMENTS
tCLK
CLKn Period
Full
I
12.5
ns
tCLKL
CLKn Width Low
Full
IV
5.6
0.5
tCLK
ns
tCLKH
CLKn Width High
Full
IV
5.6
0.5
tCLK
ns
RESET TIMING REQUIREMENTS
tRESL
RESET Width Low
Full
I
30.0
ns
INPUT WIDEBAND DATA TIMING REQUIREMENTS
tSI
Input to
≠CLKn Setup Time
Full
IV
2.0
ns
tHI
Input to
≠CLKn Hold Time
Full
IV
1.0
ns
LEVEL INDICATOR OUTPUT SWITCHING CHARACTERISTICS
tDLI
≠CLKn to LIx-y Output Delay Time
Full
IV
3.3
10.0
ns
SYNC TIMING REQUIREMENTS
tSS
SYNC(A, B, C, D) to
≠CLKn Setup Time
Full
IV
2.0
ns
tHS
SYNC(A, B, C, D) to
≠CLKn Hold Time
Full
IV
1.0
ns
SERIAL PORT CONTROL TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
2
tSCLK
SCLKn (n = 0, 4) Period
Full
IV
16
ns
tSCLKL
SCLKn Low Time
Full
IV
3.0
ns
tSCLKH
SCLKn High Time
Full
IV
3.0
ns
INPUT CHARACTERISTICS
tSSI
SDIn to
ØSCLKn Setup Time
Full
IV
1.0
ns
tHSI
SDIn to
ØSCLKn Hold Time
Full
IV
1.0
ns
PARALLEL PORT TIMING REQUIREMENTS
(MASTER MODE) SWITCHING CHARACTERISTICS
3
tDPOCLKL
ØCLKn to ≠PCLKn Delay (Divide by 1)
Full
IV
6.5
10.5
ns
tDPOCLKLL
ØCLKn to ≠PCLKn Delay (Divide by 2, 4, or 8) Full
IV
8.3
14.6
ns
tDPREQ
≠CLKn to ≠PxREQ Delay
1.0
ns
tDPP
≠CLKn to Px[15:0] Delay
0.0
ns
INPUT CHARACTERISTICS
tSPA
PxACK to
ØPCLKn Setup Time
7.0
ns
tHPA
PxACK to
ØPCLKn Hold Time
–3.0
ns
PARALLEL PORT TIMING REQUIREMENTS
(SLAVE MODE) SWITCHING CHARACTERISTICS
3
tPOCLK
PCLKn Period
Full
I
12.5
ns
tPOCLKL
PCLKn Low Period (when PCLK Divisor = 1)
Full
IV
2.0
0.5
tPOCLK
ns
tPOCLKH
PCLKn High Period (when PCLK Divisor = 1)
Full
IV
2.0
0.5
tPOCLK
ns
tDPREQ
≠CLKn to ≠PxREQ Delay
10.0
ns
tDPP
≠CLKn to Px[15:0] Delay
11.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com