Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 53 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD6635 Datasheet HTML 49Page - Analog Devices AD6635 Datasheet HTML 50Page - Analog Devices AD6635 Datasheet HTML 51Page - Analog Devices AD6635 Datasheet HTML 52Page - Analog Devices AD6635 Datasheet HTML 53Page - Analog Devices AD6635 Datasheet HTML 54Page - Analog Devices AD6635 Datasheet HTML 55Page - Analog Devices AD6635 Datasheet HTML 56Page - Analog Devices AD6635 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
REV. 0
AD6635
–53–
0x1D Link Port Control B
Data is output through either a parallel port interface or a link
port interface. The link port provides an efficient data link
between the AD6635 and a TigerSHARC DSP, and can be
enabled by setting Bit 7 = 1.
Bit 0 selects which data is output on Link Port B. When Bit 0 = 0,
Link Port B outputs data from the RCF according to the format
specified by Bit 1. When Bit 0 = 1, Link Port B outputs the data
from the AGCs according to the format specified by Bits 1 and 2.
Bit 1 has two different meanings that depend on whether data is
coming from the AGCs or from the RCFs. When data is coming
from the RCFs (Bit 0 = 0), Bit 1 selects between 2- and
4-channel data mode. Bit 1 = 1 indicates Link Port A transmits
RCF IQ words alternately from Channels 0 and 1. When Bit 1 = 1,
Link Port B outputs RCF IQ words from each of the four chan-
nels in succession: 0, 1, 2, then 3. However, when AGC data is
selected (Bit 0 = 1), Bit 1 selects the AGC data output mode. In
this mode, when Bit 1 = 1, Link Port B outputs AGC B IQ and
RSSI words. In this mode, RSSI words must be included by
setting Bit 2 = 0. However, if Bit 0 = Bit 1 = 0, AGC A and
B are alternately output on Link Port B, and the inclusion or
exclusion of the RSSI words is determined by Bit 2.
Bit 2 selects if RSSI words are included or not in the data out-
put. If Bit 1 = 1, Bit 2 = 0. Since the RSSI words are only 2
bytes long (12 bits appended with 4 zeros) and the IQ words are
4 bytes long, the RSSI words are padded with zeros to give a full
16-byte TigerSHARC quad-word. If AGC output is not selected
(Bit 0 = 0), this bit can be any value.
Bits 6–3 specify the programmable delay value for Link Port B
between the time the link port receives a data ready from the
receiver and the time it transmits the first data-word. The link
port must wait at least six cycles of the receiver’s clock, so this
value allows the user to use clocks of differing frequency and
phase for the AD6635 link port and the TigerSHARC link port.
There is more information on the limitations and relationship of
these clocks in Link Ports section.
0x1E Port Clock Control
Bit 0 determines whether PCLKn is supplied externally by the
user or derived internally in the AD6635. If PCLKn is derived
internally from CLK (Bit 0 = 1), it is output through the PCLKn
pin as a master clock. PCLK0 is derived from CLK0, and
PCLK1 from CLK1. For other applications, PCLK will be pro-
vided by the user as an input to the AD6635 via the PCLK pin.
Bits 2 and 1 allow the user to divide CLK by an integer value to
generate PCLKn. The integer divisors for bit settings are 00 =
1, 01 = 2, 10 = 4, 11 = 8, respectively.
MICROPORT CONTROL
The AD6635 has an 8-bit microprocessor port and two serial
control ports. The use of each of these ports is described sepa-
rately below. The interaction of the ports is then described. The
microport interface is a multimode interface that is designed to
give flexibility when dealing with the host processor. There are
two modes of bus operation: Intel nonmultiplexed mode
(INM), and Motorola nonmultiplexed mode (MNM). The
mode is selected based on the host processor and which mode is
best suited to that processor. The microport has an 8-bit data
bus (D[7:0]), 3-bit address bus (A[2:0]), four control pin lines
(
CS0, CS1, DS or RD, and RW or WR), and one status pin
(
DTACK or RDY). The functionality of the control signals and
status line changes slightly depending upon the mode that is
chosen (INM or MNM). Refer to the timing diagrams at the
beginning of the data sheet and the following descriptions for
details on the operation of both modes.
External Memory Map
The external memory map is used to gain access to the channel
address space and input/output address space described previ-
ously. The 8-bit data and address buses are used to access this
set of eight registers that can be seen in Table XVI. These registers
are collectively referred to as the external interface registers
since they control all accesses to the channel address space as
well as input/output chip functions. The use of each of these
individual registers is described below in detail. It should be
noted that the serial control interface has the same memory map
as the microport interface and can carry out the exact same
functions, although at a slower rate.
The external address space defined by the eight registers can
be treated as two address spaces with each address space
having its own chip select pins (
CS0 and CS1). For pro-
gramming through microport Channels 0–3, Input Ports A
and B, Half-band filters and AGCs A and B, and Output Ports
A and B,
CS0 should be used. For programming through
microport Channels 4–7, Input Ports C and D, Half-band
filters and AGCs C and D, and Output Ports C and D,
CS1
should be used.
Though only external address map corresponding to
CS0 is
explained in this data sheet, in all places it should also be
replaced by
CS1 to complete the functionality description.
When this is done, Channels 0–3 should be replaced by Chan-
nels 4–7, Input/Output Ports A and B should be replaced by
Input/Output Ports C and D, respectively, and Half-band/
AGCs A and B should be replaced by Half-band/AGCs C and
D, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com